Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4099B Datasheet(PDF) 1 Page - STMicroelectronics

Part # HCF4099B
Description  8-BIT ADDRESSABLE LATCH
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4099B Datasheet(HTML) 1 Page - STMicroelectronics

  HCF4099B Datasheet HTML 1Page - STMicroelectronics HCF4099B Datasheet HTML 2Page - STMicroelectronics HCF4099B Datasheet HTML 3Page - STMicroelectronics HCF4099B Datasheet HTML 4Page - STMicroelectronics HCF4099B Datasheet HTML 5Page - STMicroelectronics HCF4099B Datasheet HTML 6Page - STMicroelectronics HCF4099B Datasheet HTML 7Page - STMicroelectronics HCF4099B Datasheet HTML 8Page - STMicroelectronics HCF4099B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
HCC/HCF4099B
September 1988
8-BIT ADDRESSABLE LATCH
.
SERIAL DATA INPUT - ACTIVE PARALLEL
OUTPUT
.
STORAGE REGISTER CAPABILITY - MASTER
CLEAR
.
CAN FUNCTION AS DEMULTIPLEXER
.
STANDARDIZED
SYMMETRICAL
OUTPUT
CHARACTERISTICS
.
QUIESCENT CURRENT SPECIFIED TO 20V
FOR HCC DEVICE
.
5V, 10V, AND 15V PARAMETRIC RATINGS
.
INPUT CURRENT OF 100nA AT 18V AND 25
°C
FOR HCC DEVICE
.
100% TESTED FOR QUIESCENT CURRENT
.
MEETS ALL REQUIREMENTS OF JEDEC TEN-
TATIVE STANDARD N
°. 13A, ”STANDARD
SPECIFICATIONS FOR DESCRIPTION OF ”B”
SERIES CMOS DEVICES”
DESCRIPTION
The HCC4099B (extended temperature range) and
HCF4099B (intermediate temperature range) are
monolithic integrated circuits, available in 16-lead dual
in-line plastic or ceramic package and plastic micro
package. The HCC/HCF4099B 8-bit addressable
latch is a serial-input, parallel-output storage register
that can perform a variety of functions. Data are in-
putted to a particular bit in the latch when that bit is
addressed (by means of inputs A0, A1, A2) and
when WRITE DISABLE is at a low level. When
WRITE DISABLE is high, data entry is inhibited ;
however, all 8 outputs can be continuously read in-
dependent of WRITE DISABLE and address inputs.
A master RESET input is available, which resets all
bits to a logic ”0” level when RESET and WRITE
DISABLE are at a high level. When RESET is at a
high level, and WRITE DISABLE is at a low level, the
latch acts as a 1-of-8 demultiplexer ; the bit that is
addressed has an active output which follows the
data input, while all unaddressed bits are held to a
logic ”0” level.
ORDER CODES :
HCC4099BF
HCF4099BM1
HCF4099BEY
HCF4099BC1
M1
Micro Package
C1
Plastic Chip Carrier
EY
Plastic Package
F
Ceramic Frit Seal Package
PIN CONNECTIONS
1/14


Similar Part No. - HCF4099B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4099B STMICROELECTRONICS-HCF4099B Datasheet
590Kb / 14P
8 BIT ADDRESSABLE LATCH
Oct-2002
HCF4099BEY STMICROELECTRONICS-HCF4099BEY Datasheet
590Kb / 14P
8 BIT ADDRESSABLE LATCH
Oct-2002
HCF4099BM1 STMICROELECTRONICS-HCF4099BM1 Datasheet
590Kb / 14P
8 BIT ADDRESSABLE LATCH
Oct-2002
More results

Similar Description - HCF4099B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4724B STMICROELECTRONICS-HCC4724B Datasheet
302Kb / 14P
8 BIT ADDRESSABLE LATCH
Sep-1988
logo
Fairchild Semiconductor
DM9334 FAIRCHILD-DM9334 Datasheet
65Kb / 5P
8-Bit Addressable Latch
logo
Hitachi Semiconductor
HD74AC259 HITACHI-HD74AC259 Datasheet
69Kb / 11P
8-bit Addressable Latch
logo
Toshiba Semiconductor
TC74HC259AP TOSHIBA-TC74HC259AP_07 Datasheet
361Kb / 10P
8-Bit Addressable Latch
logo
Renesas Technology Corp
HD74AC259 RENESAS-HD74AC259 Datasheet
217Kb / 8P
8-bit Addressable Latch
logo
NXP Semiconductors
74HC259 NXP-74HC259 Datasheet
134Kb / 21P
8-bit addressable latch
Rev. 04-25 February 2009
logo
Texas Instruments
NTE4099B TI-NTE4099B Datasheet
976Kb / 16P
8-Bit Addressable Latch
logo
NXP Semiconductors
74HC_HCT259 PHILIPS-74HC_HCT259_15 Datasheet
162Kb / 22P
8-bit addressable latch
Rev. 5-7 August 2012
logo
ON Semiconductor
MC74AC259 ONSEMI-MC74AC259_15 Datasheet
96Kb / 9P
8-Bit Addressable Latch
March, 2015 ??Rev. 7
logo
Toshiba Semiconductor
TC40H259P TOSHIBA-TC40H259P Datasheet
230Kb / 5P
8-BIT ADDRESSABLE LATCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com