Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4093 Datasheet(PDF) 3 Page - STMicroelectronics

Part # HCF4093
Description  QUAD 2-INPUT NAND SCHMIDT TRIGGERS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4093 Datasheet(HTML) 3 Page - STMicroelectronics

  HCF4093 Datasheet HTML 1Page - STMicroelectronics HCF4093 Datasheet HTML 2Page - STMicroelectronics HCF4093 Datasheet HTML 3Page - STMicroelectronics HCF4093 Datasheet HTML 4Page - STMicroelectronics HCF4093 Datasheet HTML 5Page - STMicroelectronics HCF4093 Datasheet HTML 6Page - STMicroelectronics HCF4093 Datasheet HTML 7Page - STMicroelectronics HCF4093 Datasheet HTML 8Page - STMicroelectronics HCF4093 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
STATIC ELECTRICAL CHARACTERISTICS (over recommended operating conditions)
Test Conditions
Value
V I
V O
|I O |V DD
T Lo w*
25
°CT High*
Symbol
Parameter
(V)
(V)
(
µA) (V) Min. Max. Min. Typ. Max. Min. Max.
Unit
I L
Quiescent
Current
HCC
Types
0/ 5
5
1
0.02
1
30
µA
0/10
10
2
0.02
2
60
0/15
15
4
0.02
4
120
0/20
20
20
0.04
20
600
HCF
Types
0/ 5
5
4
0.02
4
30
0/10
10
8
0.02
8
60
0/15
15
16
0.02
16
120
VP
Positive Trigger
Threshold Voltage
a
5
2.2
3.6
2.2
2.9
3.6
2.2
3.6
V
a
10
4.6
7.1
4.6
5.9
7.1
4.6
7.1
a
15
6.8
10.8
6.8
8.8
10.8
6.8
10.8
b
5
2.6
4
2.6
3.3
4
2.6
4
b
10
5.6
8.2
5.6
7
8.2
5.6
8.2
b
15
6.3
12.7
6.3
9.4
12.7
6.3
12.7
VN
Negative Trigger
Threshold Voltage
a
5
0.9
2.8
0.9
1.9
2.8
0.9
2.8
V
a
10
2.5
5.2
2.5
3.9
5.2
2.5
5.2
a
15
4
7.4
4
5.8
7.4
4
7.4
b
5
1.4
3.2
1.4
2.3
3.2
1.4
3.2
b
10
3.4
6.6
3.4
5.1
6.6
3.4
6.6
b
15
4.8
9.6
4.8
7.3
9.6
4.8
9.6
VH
Hysteresis Voltage
a
5
0.3
1.6
0.3
0.9
1.6
0.3
1.6
V
a
10
1.2
3.4
1.2
2.3
3.4
1.2
3.4
a
15
1.6
5
1.6
3.5
5
1.6
5
b
5
0.3
1.6
0.3
0.9
1.6
0.3
1.6
b
10
1.2
3.4
1.2
2.3
3.4
1.2
3.4
b
15
1.6
5
1.6
3.5
5
1.6
5
VOH
Output High
Voltage
0/ 5
< 1
5
4.95
4.95
4.95
V
0/10
< 1
10
9.95
9.95
9.95
0/15
< 1
15
14.95
14.95
14.95
VOL
Output Low
Voltage
5/0
< 1
5
0.05
0.05
0.05
V
10/0
< 1
10
0.05
0.05
0.05
15/0
< 1
15
0.05
0.05
0.05
I OH
Output
Drive
Current
HCC
Types
0/ 5
2.5
5
– 2
– 1.6 – 3.2
– 1.15
mA
0/ 5
4.6
5
– 0.64
– 0.51 – 1
– 0.36
0/10
9.5
10
– 1.6
– 1.3 – 2.6
– 0.9
0/15
13.5
15
– 4.2
– 3.4 – 6.8
– 2.4
HCF
Types
0/ 5
2.5
5
– 1.53
– 1.36 – 3.2
– 1.1
0/ 5
4.6
5
– 0.52
– 0.44 – 1
– 0.36
0/10
9.5
10
– 1.3
– 1.1 – 2.6
– 0.9
0/15
13.5
15
– 3.6
– 3.0 – 6.8
– 2.4
a : input on terminals 1, 5, 8, 12 or 2, 6, 9, 13 ; other inputs to VDD.
b : input on terminals 1 and 2, 5 and 6, 8 and 9, or 12 and 13 ; other inputs to VDD.
*TLow =–55
°Cfor HCC device : -40°Cfor HCF device.
*THigh = +125
°Cfor HCC device : +85°C for HCF device.
HCC/HCF4093B
3/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com