Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4093 Datasheet(PDF) 1 Page - STMicroelectronics

Part # HCF4093
Description  QUAD 2-INPUT NAND SCHMIDT TRIGGERS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4093 Datasheet(HTML) 1 Page - STMicroelectronics

  HCF4093 Datasheet HTML 1Page - STMicroelectronics HCF4093 Datasheet HTML 2Page - STMicroelectronics HCF4093 Datasheet HTML 3Page - STMicroelectronics HCF4093 Datasheet HTML 4Page - STMicroelectronics HCF4093 Datasheet HTML 5Page - STMicroelectronics HCF4093 Datasheet HTML 6Page - STMicroelectronics HCF4093 Datasheet HTML 7Page - STMicroelectronics HCF4093 Datasheet HTML 8Page - STMicroelectronics HCF4093 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
HCC/HCF4093B
QUAD 2-INPUT NAND SCHMIDT TRIGGERS
.
SCHMITT-TRIGGER ACTION ON EACH INPUT
WITH NO EXTERNAL COMPONENTS
.
HYSTERESIS VOLTAGE TYPICALLY 0.9V AT
VDD = 5V AND 2.3V AT VDD = 10V
.
NOISE IMMUNITY GREATER THAN 50% OF
VDD (typ.)
.
NO LIMIT ON INPUT RISE AND FALL TIMES
.
STANDARDIZED
SYMMETRICAL
OUTPUT
CHARACTERISTICS
.
QUIESCENT CURRENT SPECIFIED TO 20V
FOR HCC DEVICE
.
5V, 10V, AND 15V PARAMETRIC RATINGS
.
INPUT CURRENT OF 100nA AT 18V AND
25
°C FOR HCC DEVICE
.
100% TESTED FOR QUIESCENT CURRENT
.
MEETS ALL REQUIREMENTS OF JEDEC TEN-
TATIVE STANDARD N
°. 13A, ”STANDARD
SPECIFICATIONS FOR DESCRIPTION OF ”B”
SERIES CMOS DEVICES”
June 1989
EY
(Plastic Package)
F
(Ceramic Frit Seal Package)
C1
(Plastic Chip Carrier)
ORDER CODES :
HCC4093BF
HCF4093BM1
HCF4093BEY
HCF4093BC1
PIN CONNECTIONS
M1
(Micro Package)
DESCRIPTION
The HCC4093B (extended temperature range) and
HCF4093B (intermediate temperature range) are
available in 14-lead dual in-line plastic or ceramic
package
and
plastic
micropackage.
The
HCC/HCF4093B consists of four Schmitt-trigger cir-
cuits. Each circuit functions as a two-input NAND
gate with Schmitt-trigger action on both inputs. The
gate switches at different points for positive and ne-
gative-going signals.
The difference between the positive voltage (VP)
and the negative voltage (VN) is defined as hys-
teresis voltage (VH) (see fig. 1).
1/13


Similar Part No. - HCF4093

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4093 STMICROELECTRONICS-HCF4093 Datasheet
185Kb / 13P
QUAD 2-input NAND Schmidt trigger
16-Aug-2007
HCF4093 STMICROELECTRONICS-HCF4093 Datasheet
353Kb / 13P
Quad 2-input NAND Schmitt trigger
13-Jan-2014
HCF4093B STMICROELECTRONICS-HCF4093B Datasheet
126Kb / 7P
QUAD 2 INPUT NAND SCHMITT TRIGGER
Sep-2001
HCF4093BEY STMICROELECTRONICS-HCF4093BEY Datasheet
126Kb / 7P
QUAD 2 INPUT NAND SCHMITT TRIGGER
Sep-2001
HCF4093BEY STMICROELECTRONICS-HCF4093BEY Datasheet
185Kb / 13P
QUAD 2-input NAND Schmidt trigger
16-Aug-2007
More results

Similar Description - HCF4093

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC4093BP TOSHIBA-TC4093BP Datasheet
222Kb / 5P
QUAD 2-INPUT NAND SCHMITT TRIGGERS
logo
System Logic Semiconduc...
SL4093B SLS-SL4093B Datasheet
37Kb / 5P
Quad 2-Input NAND Schmitt Triggers
logo
Hitachi Semiconductor
HD74HC132 HITACHI-HD74HC132 Datasheet
41Kb / 7P
Quad. 2-input NAND Schmitt Triggers
HD74LV132A HITACHI-HD74LV132A Datasheet
52Kb / 13P
Quad. 2-input NAND Schmitt-triggers
logo
Micro Electronics
MMC4093 MICRO-ELECTRONICS-MMC4093 Datasheet
133Kb / 4P
QUAD 2 INPUT NAND SCHMITT TRIGGERS
logo
Toshiba Semiconductor
TC4093BP TOSHIBA-TC4093BP_07 Datasheet
265Kb / 8P
Quad 2-Input NAND Schmitt Triggers
logo
STMicroelectronics
HCF4093 STMICROELECTRONICS-HCF4093_07 Datasheet
185Kb / 13P
QUAD 2-input NAND Schmidt trigger
16-Aug-2007
logo
Renesas Technology Corp
HD74LV132A RENESAS-HD74LV132A Datasheet
68Kb / 9P
Quad. 2-input NAND Schmitt-triggers
HD74HC132 RENESAS-HD74HC132 Datasheet
86Kb / 7P
Quad. 2-input NAND Schmitt Triggers
HD74LV132A RENESAS-HD74LV132A_15 Datasheet
92Kb / 11P
Quad. 2-input NAND Schmitt-triggers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com