Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFA08TA60CS Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # HFA08TA60CS
Description  Ultrafast Soft Recovery Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

HFA08TA60CS Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  HFA08TA60CS Datasheet HTML 1Page - Inchange Semiconductor Company Limited HFA08TA60CS Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ultrafast Soft Recovery Diode
HFA08TA60CS
www.iscsemi.com
1
FEATURES
· Very Low IRRM
· Ultrasoftt Recovery
· Ultrafast Recovery
APPLICATIONS
· Power Supplies
· Motor Drives
· Inverters
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
VRWM
VR
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
600
V
IF(AV)
Average Rectified Forward Current
4×2
A
IFSM
Non-repetitive Peak Surge Current
25
A
TJ
Max. Junction Temperature
150
℃
Tstg
Storage Temperature Range
-55~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
5.0
℃
/W
2
2
3
1


Similar Part No. - HFA08TA60CS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HFA08TA60CS VISHAY-HFA08TA60CS Datasheet
126Kb / 6P
Ultrafast Soft Recovery Diode, 2 x 4 A
22-Oct-08
logo
International Rectifier
HFA08TA60CS IRF-HFA08TA60CS Datasheet
136Kb / 6P
Ultrafast, Soft Recovery Diode
logo
Vishay Siliconix
HFA08TA60CSPBF VISHAY-HFA08TA60CSPBF Datasheet
129Kb / 6P
Ultrafast Soft Recovery Diode, 2 x 4 A
22-Oct-08
HFA08TA60CSPBF VISHAY-HFA08TA60CSPBF Datasheet
190Kb / 8P
HEXFRED Ultrafast Soft Recovery Diode, 2 x 4 A
24-Feb-10
HFA08TA60CSPBF VISHAY-HFA08TA60CSPBF_10 Datasheet
190Kb / 8P
HEXFRED Ultrafast Soft Recovery Diode, 2 x 4 A
24-Feb-10
More results

Similar Description - HFA08TA60CS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
HFA280NJ60D IRF-HFA280NJ60D Datasheet
224Kb / 5P
Ultrafast, Soft Recovery Diode
HFA140MD60D IRF-HFA140MD60D Datasheet
286Kb / 5P
Ultrafast, Soft Recovery Diode
HFA140NH60 IRF-HFA140NH60 Datasheet
320Kb / 5P
Ultrafast, Soft Recovery Diode
HFA140NJ60D IRF-HFA140NJ60D Datasheet
319Kb / 5P
Ultrafast, Soft Recovery Diode
HFA04TB60SPBF IRF-HFA04TB60SPBF Datasheet
240Kb / 7P
ULTRAFAST, SOFT RECOVERY DIODE
HFB16HY20CC IRF-HFB16HY20CC Datasheet
123Kb / 5P
Ultrafast, Soft Recovery Diode
HFA15PB60PBF IRF-HFA15PB60PBF Datasheet
216Kb / 6P
Ultrafast, Soft Recovery Diode
HFA06TB120PBF IRF-HFA06TB120PBF Datasheet
166Kb / 7P
Ultrafast, Soft Recovery Diode
HFA16TA60CPBF IRF-HFA16TA60CPBF Datasheet
194Kb / 6P
Ultrafast, Soft Recovery Diode
HFA04TB60PBF IRF-HFA04TB60PBF Datasheet
185Kb / 6P
Ultrafast, Soft Recovery Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com