Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4099 Datasheet(PDF) 3 Page - STMicroelectronics

Part # HCF4099
Description  8-BIT ADDRESSABLE LATCH
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4099 Datasheet(HTML) 3 Page - STMicroelectronics

  HCF4099 Datasheet HTML 1Page - STMicroelectronics HCF4099 Datasheet HTML 2Page - STMicroelectronics HCF4099 Datasheet HTML 3Page - STMicroelectronics HCF4099 Datasheet HTML 4Page - STMicroelectronics HCF4099 Datasheet HTML 5Page - STMicroelectronics HCF4099 Datasheet HTML 6Page - STMicroelectronics HCF4099 Datasheet HTML 7Page - STMicroelectronics HCF4099 Datasheet HTML 8Page - STMicroelectronics HCF4099 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
LOGIC DIAGRAM
Definition of WRITE DIABLE ON Time
Mode Selection
Types
WD R
Addressed
Latch
Unaddressed
Latch
A
0
0
Follows Data
Holds Previous
State
B
0
1
Follows Data
Reset to ”0”
(active high 8-channel
demultiplexer)
C
1
0
Holds Previous State
D
1
1
Reset to ”0”
Reset to ”0”
WD = WRITE DISABLE
R = RESET
1 of 8 latches
Master Timing Diagram
HCC/HCF4099B
3/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com