Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4099 Datasheet(PDF) 5 Page - STMicroelectronics

Part # HCF4099
Description  8-BIT ADDRESSABLE LATCH
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4099 Datasheet(HTML) 5 Page - STMicroelectronics

  HCF4099 Datasheet HTML 1Page - STMicroelectronics HCF4099 Datasheet HTML 2Page - STMicroelectronics HCF4099 Datasheet HTML 3Page - STMicroelectronics HCF4099 Datasheet HTML 4Page - STMicroelectronics HCF4099 Datasheet HTML 5Page - STMicroelectronics HCF4099 Datasheet HTML 6Page - STMicroelectronics HCF4099 Datasheet HTML 7Page - STMicroelectronics HCF4099 Datasheet HTML 8Page - STMicroelectronics HCF4099 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
DYNAMIC ELECTRICAL CHARACTERISTICS (Tamb =25°C, CL = 50pF, RL = 200kΩ,
typical temperature coefficient for all VDD values is 0.3%/°C, all input rise and fall times = 20ns)
Val ue
Symbol
Parameter
Test Conditions
(see master timing
diagram)
V DD (V) Min.
Typ.
Max.
Unit
t PL H,tPHL Propagation
Delay Time
Data to Output
(1)
5
200
400
ns
10
75
150
15
50
100
Write Disable to
Output
(2)
5
200
400
10
80
160
15
60
120
Address to
Output
(9)
5
225
450
10
100
200
15
75
150
t PHL
Propagation
Delay Time
Reset to Output
(3)
5
175
350
10
80
160
15
65
130
t THL,tTLH Transition
Time
Any Output
5
100
200
ns
10
50
100
15
40
80
t W
Pulse Width
Data
(4)
5
200
100
ns
10
100
50
15
80
40
Address
(8)
5
400
200
10
200
100
15
125
65
Reset
(5)
5150
75
10
75
40
15
50
25
t set up
Setup Time
Data to Write
Disable
(6)
5100
50
ns
10
50
25
15
35
20
t ho ld
Hold Time
Data to Write
Disable
(7)
5150
75
ns
10
75
40
15
50
25
HCC/HCF4099B
5/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com