Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4052B Datasheet(PDF) 9 Page - STMicroelectronics

Part # HCF4052B
Description  ANALOG MULTIPLEXERS-DEMULTIPLEXERS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4052B Datasheet(HTML) 9 Page - STMicroelectronics

Back Button HCF4052B Datasheet HTML 5Page - STMicroelectronics HCF4052B Datasheet HTML 6Page - STMicroelectronics HCF4052B Datasheet HTML 7Page - STMicroelectronics HCF4052B Datasheet HTML 8Page - STMicroelectronics HCF4052B Datasheet HTML 9Page - STMicroelectronics HCF4052B Datasheet HTML 10Page - STMicroelectronics HCF4052B Datasheet HTML 11Page - STMicroelectronics HCF4052B Datasheet HTML 12Page - STMicroelectronics HCF4052B Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
TYPICAL APPLICATIONS
TYPICAL TIME-DIVISION APPLICATION OF THE 4052B
Control of analog signals up to 20V peak-to-peak
can be achieved by digital signal amplitudes of 4.5
to 20V (if VDD –VSS = 3V, a VDD –VEE of up to 13V
can be controlled ; for VDD –VEE level differences
above 13V, a VDD –VSS of at least 4.5V is required).
For example, if VDD = + 5V, VSS = 0, and VEE =
–13.5V, analog signals from – 13.5V to + 4.5V can
be controlled by digital inputs of 0 to 4.5V. In certain
applications, the external load-resistor current may
include both VDD and signal-line components. To
avoid drawing VDD current when switch current
flows into the transmission gate inputs, the voltage
drop across the bidirectional switch must not exceed
0,8 volt (valvulated from RON values shown in
ELECTRICAL CHARACTERISTICS CHART). No
VDD current will flow through RL if the switch current
flows into lead 3 on the HCC/HCF4051 ; leads 3 and
13 on the HCC/HCF4052 ; leads 4, 14, and 15 on
the HCC/HCF4053.
SPECIAL CONSIDERATIONS
HCC/HCF4051B/52B/53B
9/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com