Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4052B Datasheet(PDF) 1 Page - STMicroelectronics

Part # HCF4052B
Description  ANALOG MULTIPLEXERS-DEMULTIPLEXERS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4052B Datasheet(HTML) 1 Page - STMicroelectronics

  HCF4052B Datasheet HTML 1Page - STMicroelectronics HCF4052B Datasheet HTML 2Page - STMicroelectronics HCF4052B Datasheet HTML 3Page - STMicroelectronics HCF4052B Datasheet HTML 4Page - STMicroelectronics HCF4052B Datasheet HTML 5Page - STMicroelectronics HCF4052B Datasheet HTML 6Page - STMicroelectronics HCF4052B Datasheet HTML 7Page - STMicroelectronics HCF4052B Datasheet HTML 8Page - STMicroelectronics HCF4052B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
HCC4051B/52B/53B
HCF4051B/52B/53B
ANALOG MULTIPLEXERS-DEMULTIPLEXERS
.
QUIESCENT CURRENT SPECIFIED TO 20V
FOR HCC DEVICE
.
LOW ”ON” RESISTANCE : 125
Ω (typ.) OVER
15V p.p. SIGNAL-INPUT RANGE FOR VDD-
VEE = 15V
.
HIGH ”OFF” RESISTANCE : CHANNEL LEAK-
AGE
± 100pA (typ.) VDD –VEE = 18V
.
BINARY ADDRESS DECODING ON CHIP
.
VERY LOW QUIESCENT POWER DISSIPA-
TION UNDER ALL DIGITAL CONTROL INPUT
AND SUPPLY CONDITIONS : 0.2
µW (typ.),
VDD –VSS =VDD –VEE = 10V
.
MATCHED SWITCH CHARACTERISTICS :
RON =5
Ω (typ.) for VDD –VEE = 15V
.
WIDE RANGE OF DIGITAL AND ANALOG SIG-
NAL LEVELS : DIGITAL 3 TO 20V, ANALOG TO
20V p.p.
.
5V, 10V, AND 15V PARAMETRIC RATINGS
.
INPUT CURRENT OF 100mA AT 18V AND
25
°C FOR HCC DEVICE
.
100% TESTED FOR QUIESCENT CURRENT
.
MEETS ALL REQUIREMENTS OF JEDEC TEN-
TATIVE STANDARD N
o
13A, ”STANDARD
SPECIFICATIONS FOR DESCRIPTION OF ”B”
SERIES CMOS DEVICES”
4051B - SINGLE 8-CHANNEL
4052B - DIFFERENTIAL 4-CHANNEL
4053B - TRIPLE 2-CHANNEL
June 1989
The HCC 4051B, 4052B and 4053B (extended tem-
perature range) and HCF4051B, 4052B and 4053B
(intermediate temperature range) are monolithic in-
tegrated circuits, available in 16-lead dual in-line
plastic or ceramic package and plastic micropack-
age.
HCC/HCF4051B,
HCC/HCF4052B,
and
HCC/HCF4053B
analog
multiplexers/demulti-
plexers are digitally controlled analog switches hav-
ing low ON impedance and very low OFF leakage
PIN CONNECTIONS
EY
(Plastic Package)
F
(Ceramic Frit Seal Package)
M1
(Micro Package)
C1
(Plastic Chip Carrier)
ORDER CODES :
HCC40XXBF
HCF40XXBM1
HCF40XXBEY
HCF40XXBC1
4051B
4052B
4053B
DESCRIPTION
1/17


Similar Part No. - HCF4052B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4052B STMICROELECTRONICS-HCF4052B Datasheet
642Kb / 11P
DIFFERENT 4-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
October 2002
HCF4052BEY STMICROELECTRONICS-HCF4052BEY Datasheet
642Kb / 11P
DIFFERENT 4-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
October 2002
HCF4052BM1 STMICROELECTRONICS-HCF4052BM1 Datasheet
642Kb / 11P
DIFFERENT 4-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
October 2002
More results

Similar Description - HCF4052B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC4051A ONSEMI-MC74HC4051A Datasheet
400Kb / 16P
Analog Multiplexers/Demultiplexers
March, 2000 ??Rev. 1
MC74VHC4051 ONSEMI-MC74VHC4051 Datasheet
341Kb / 16P
Analog Multiplexers/Demultiplexers
March, 2000 ??Rev. 3
logo
Motorola, Inc
MC54HC4051A MOTOROLA-MC54HC4051A Datasheet
188Kb / 15P
ANALOG MULTIPLEXERS/ DEMULTIPLEXERS
logo
ON Semiconductor
MC14067B ONSEMI-MC14067B_05 Datasheet
124Kb / 10P
Analog Multiplexers / Demultiplexers
February, 2005 ??Rev. 5
MC14067B ONSEMI-MC14067B_11 Datasheet
134Kb / 9P
Analog Multiplexers/Demultiplexers
June, 2011 ??Rev. 7
MC74HC4053ADTR2G ONSEMI-MC74HC4053ADTR2G Datasheet
222Kb / 17P
Analog Multiplexers Demultiplexers
February, 2013 ??Rev. 6
MC74HC4051A ONSEMI-MC74HC4051A_16 Datasheet
180Kb / 17P
Analog Multiplexers/ Demultiplexers
March, 2016 ??Rev. 8
MC74VHC4051 ONSEMI-MC74VHC4051_14 Datasheet
159Kb / 16P
Analog Multiplexers / Demultiplexers
September, 2014 ??Rev. 7
MC74HCT4851A ONSEMI-MC74HCT4851A_16 Datasheet
139Kb / 14P
Analog Multiplexers/ Demultiplexers
August, 2016 ??Rev. 8
MC74HCT4051A ONSEMI-MC74HCT4051A_11 Datasheet
207Kb / 16P
Analog Multiplexers / Demultiplexers
June, 2011 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com