Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3USB221E Datasheet(PDF) 24 Page - Texas Instruments

Part # TS3USB221E
Description  TS3USB221E High-Speed USB 2.0 (480Mbps) 1:2 Multiplexer – Demultiplexer Switch With Single Enable and IEC Level 3 ESD Protection
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TS3USB221E Datasheet(HTML) 24 Page - Texas Instruments

Back Button TS3USB221E Datasheet HTML 20Page - Texas Instruments TS3USB221E Datasheet HTML 21Page - Texas Instruments TS3USB221E Datasheet HTML 22Page - Texas Instruments TS3USB221E Datasheet HTML 23Page - Texas Instruments TS3USB221E Datasheet HTML 24Page - Texas Instruments TS3USB221E Datasheet HTML 25Page - Texas Instruments TS3USB221E Datasheet HTML 26Page - Texas Instruments TS3USB221E Datasheet HTML 27Page - Texas Instruments TS3USB221E Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
www.ti.com
EXAMPLE STENCIL DESIGN
8X (0.55)
4X (0.25)
2X (0.6)
2X
(0.3)
(1.35)
(1.8)
4X (0.2)
6X (0.5)
(R0.05) TYP
UQFN - 0.6 mm max height
RSE0010A
PLASTIC QUAD FLATPACK - NO LEAD
4220307/A 03/2020
NOTES: (continued)
5. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations.
SYMM
1
4
5
6
9
10
SYMM
SOLDER PASTE EXAMPLE
BASED ON 0.1 mm THICKNESS
SCALE: 30X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com