Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRO280LM Datasheet(PDF) 7 Page - AEROTECH US. ALL RIGHTS RESERVED.

Part # PRO280LM
Description  Mechanical Bearing, Direct-Drive Linear Stage
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROTECH [AEROTECH US. ALL RIGHTS RESERVED.]
Direct Link  https://www.aerotech.com/
Logo AEROTECH - AEROTECH US. ALL RIGHTS RESERVED.

PRO280LM Datasheet(HTML) 7 Page - AEROTECH US. ALL RIGHTS RESERVED.

  PRO280LM Datasheet HTML 1Page - AEROTECH US. ALL RIGHTS RESERVED. PRO280LM Datasheet HTML 2Page - AEROTECH US. ALL RIGHTS RESERVED. PRO280LM Datasheet HTML 3Page - AEROTECH US. ALL RIGHTS RESERVED. PRO280LM Datasheet HTML 4Page - AEROTECH US. ALL RIGHTS RESERVED. PRO280LM Datasheet HTML 5Page - AEROTECH US. ALL RIGHTS RESERVED. PRO280LM Datasheet HTML 6Page - AEROTECH US. ALL RIGHTS RESERVED. PRO280LM Datasheet HTML 7Page - AEROTECH US. ALL RIGHTS RESERVED.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
aerotech.com
PRO280LM SERIES CABLE MANAGEMENT (-CMS0) DIMENSIONS
91.5
CONNECTOR INTERFACE
MOTOR POWER
MOTOR/ENCODER
FEEDBACK
87
107
CONNECTOR INTERFACE
6 MM AIR LINE
CONNECTION
FORCER COOLING
MOTOR/ENCODER
FEEDBACK
MOTOR POWER
CONNECTOR INTERFACE
6 MM AIR LINE
CONNECTION
FORCER COOLING
MOTOR POWER
MOTOR/ENCODER
FEEDBACK
PRO115LM/PRO165LM -CMS0
PRO190LM -CMS0
PRO225LM/PRO280LM/PRO560LM -CMS0
DIMENSIONS: MILLIMETERS
REVISIONS
MCN
REV.
DESCRIPTION
DATE
APPROVED
KSCHOCH
MODEL BY:
MODEL FILENAME:
PRO115LM-CARR-ASSY
PRO190LM-CARR-ASSY
PRO225LM-II-CARR-ASSY
-
PART CODE:
PRO-LM-CMS0-CAT
PART NAME:
DWG. NO.
REV
PRO-LM-CMS0
SHEET 1 OF 1
11-AUG-16
DATE
BMIKLANCIE
DRAW
KSCHOCH
KSCHOCH
NAME
CHECK
APPR.
11-AUG-16
11-AUG-16



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com