Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRO280LM Datasheet(PDF) 2 Page - AEROTECH US. ALL RIGHTS RESERVED.

Part # PRO280LM
Description  Mechanical Bearing, Direct-Drive Linear Stage
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROTECH [AEROTECH US. ALL RIGHTS RESERVED.]
Direct Link  https://www.aerotech.com/
Logo AEROTECH - AEROTECH US. ALL RIGHTS RESERVED.

PRO280LM Datasheet(HTML) 2 Page - AEROTECH US. ALL RIGHTS RESERVED.

  PRO280LM Datasheet HTML 1Page - AEROTECH US. ALL RIGHTS RESERVED. PRO280LM Datasheet HTML 2Page - AEROTECH US. ALL RIGHTS RESERVED. PRO280LM Datasheet HTML 3Page - AEROTECH US. ALL RIGHTS RESERVED. PRO280LM Datasheet HTML 4Page - AEROTECH US. ALL RIGHTS RESERVED. PRO280LM Datasheet HTML 5Page - AEROTECH US. ALL RIGHTS RESERVED. PRO280LM Datasheet HTML 6Page - AEROTECH US. ALL RIGHTS RESERVED. PRO280LM Datasheet HTML 7Page - AEROTECH US. ALL RIGHTS RESERVED.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
aerotech.com
PRO280LM SPECIFICATIONS
Electrical Specifications
Drive System
Brushless Linear Servomotor
Feedback
Non-contact Linear Encoder
-E1: 1 Vpp, 20 µm signal period
-E2: Digital RS422, 0.1 µm electrical resolution
Maximum Bus Voltage
340 VDC
Limit Switches
5 V, Normally-Closed
Home Switch
Near Center
Notes:
1. Certified with -PL1/-PL2 option.
2. Requires the selection of an appropriate amplifier with sufficient voltage and current.
3. Axis-orientation for on-axis loading is listed.
4. Specifications are for single-axis systems measured 25 mm above the tabletop. Performance of multi-axis systems is payload and workpoint dependent.
Contact factory for multi-axis applications.
Mechanical Specifications
PRO280LM
Travel
300
400
500
600
800
1000
Accuracy(1)
Standard
±10 µm
±12 µm
±14 µm
±15.5 µm
±17 µm
±18 µm
Calibrated
±1 µm
±1 µm
±1 µm
±1 µm
±1.5 µm
±1.5 µm
Resolution (Min.
Incremental Motion)
5 nm (-E1 Encoder)
Bidirectional Repeatability(1)
±0.4 µm
±0.4 µm
±0.4 µm
±0.4 µm
±0.5 µm
±0.5 µm
Horizontal Straightness(1)
±3 µm
±4 µm
±5 µm
±6 µm
±7 µm
±8 µm
Vertical Straightness(1)
±3 µm
±4 µm
±5 µm
±6 µm
±7 µm
±8 µm
Pitch
49 µrad
60 µrad
70 µrad
78 µrad
90 µrad
110 µrad
Roll
49 µrad
60 µrad
70 µrad
78 µrad
90 µrad
110 µrad
Yaw
49 µrad
60 µrad
70 µrad
78 µrad
90 µrad
110 µrad
Maximum Speed(2)
2 m/s
Maximum Acceleration(2)
3 g
Maximum Force, Continuous
266.2 N – Standard
437.1 N – With Air Cooling (20 psig)
Load
Capacity(3)
Horizontal
150 kg
Side
150 kg
Moving Mass
13.8 kg
Stage Mass
51.7 kg
56.9 kg
62.2 kg
67.4 kg
78.0 kg
88.5 kg
Material
Anodized Aluminum
MTBF (Mean Time
Between Failure)
20,000 Hours



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com