Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1002A Datasheet(PDF) 20 Page - Texas Instruments

Part # TUSB1002A
Description  TUSB1002A USB3.2 10Gbps Dual-Channel Linear Redriver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB1002A Datasheet(HTML) 20 Page - Texas Instruments

Back Button TUSB1002A Datasheet HTML 16Page - Texas Instruments TUSB1002A Datasheet HTML 17Page - Texas Instruments TUSB1002A Datasheet HTML 18Page - Texas Instruments TUSB1002A Datasheet HTML 19Page - Texas Instruments TUSB1002A Datasheet HTML 20Page - Texas Instruments TUSB1002A Datasheet HTML 21Page - Texas Instruments TUSB1002A Datasheet HTML 22Page - Texas Instruments TUSB1002A Datasheet HTML 23Page - Texas Instruments TUSB1002A Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
7.2.1 Design Requirements
For this design example, use the parameters shown in Table 7-1.
Table 7-1. Design Parameters
PARAMETER
VALUE
Pre-channel A to B PCB trace length(1) , LAB.
1 inches ≤ LAB ≤ 12 inches - LCD
Post-channel C to D PCB trace length(1) , LCD.
≤ 4 inches
Minimum distance of the AC capacitors from TUSB1002A, LAC-CAP
0.25 inches
Maximum distance of ESD component from the USB receptacle, LESD
0.6 inches
Maximum distance of series resistor (RESD) from ESD component, LR_ESD.
0.25 inches
CAC-USB1 AC-coupling capacitor (75nF to 265nF)
220nF
CAC-USB2 AC-coupling capacitor (297nF to 363nF)
Options:
•
RX1 and RX2 are DC-coupled to USB
receptacle
•
330nF AC-couple with RRX resistor
Optional RRX resistor (220kΩ ± 5%)
No used
Optional RESD (0Ω to 2.2Ω)
1Ω
VCC supply (3V to 3.6-V)
3.3V
Mode of Operation (Dual or Half Channel)
MODE = F (Floating) for USB3.2 Dual Channel
Linear Range (900mV, 1000mV, or 1200 mV)
1200mV (CFG[2:1] pins floating)
DC Gain (-2, -1, 0, +1, +2)
0dB (CFG[2:1] pins floating)
(1)
Maximum trace length assumes an insertion loss of 0.2dB/inch/GHz. If insertion loss is more than 0.2 dB/inch/GHz, then maximum
trace length must be reduced accordingly.
7.2.2 Detailed Design Procedure
The TUSB1002A differential receivers and transmitters have internal BIAS and termination. For this reason, the
TUSB1002A must be connected to the USB3.2 host and receptacle through external A/C coupling capacitors. In
this example 220nF capacitors are placed on TX2P and TX2N, RX1P and RX1N, and TX1P and TX1N. 330nF
A/C coupling capacitors along with 220kΩ resistors to ground are placed on the RX2P and RX2N. Inclusion
of the 330nF capacitors and 220k resistors is optional. The ordered list below details the three implementation
options for the RX2p/n path.
There are three implementation options for USB connector to the TUSB1002A RX pins:
1. DC couple the TUSB1002A RX pins to USB connector. No 330nF capacitors and no 220kΩ pulldown
resistors.
2. 330nF capacitors with 220kΩ resistors as shown in Figure 7-2. The purpose of 220kΩ resistors is to
discharge the capacitor within 250ms after a USB device is removed from the USB connector.
3. The stub from the 220kΩ resistor pad may create impedance discontinuities causing negative impact to
performance. Assuming leakage current from external components is enough to discharge capacitor, 330nF
capacitor without the 220kΩ resistor is a valid option.
TUSB1002A
SLLSF63C – MARCH 2018 – REVISED JULY 2024
www.ti.com
20
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TUSB1002A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com