Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1002A Datasheet(PDF) 21 Page - Texas Instruments

Part # TUSB1002A
Description  TUSB1002A USB3.2 10Gbps Dual-Channel Linear Redriver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB1002A Datasheet(HTML) 21 Page - Texas Instruments

Back Button TUSB1002A Datasheet HTML 17Page - Texas Instruments TUSB1002A Datasheet HTML 18Page - Texas Instruments TUSB1002A Datasheet HTML 19Page - Texas Instruments TUSB1002A Datasheet HTML 20Page - Texas Instruments TUSB1002A Datasheet HTML 21Page - Texas Instruments TUSB1002A Datasheet HTML 22Page - Texas Instruments TUSB1002A Datasheet HTML 23Page - Texas Instruments TUSB1002A Datasheet HTML 24Page - Texas Instruments TUSB1002A Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
HOST_TXP
HOST_TXN
HOST_RXP
HOST_RXN
CH2_EQ1
CFG2
CH2_EQ2
HOST_DM
HOST_DP
R2
DNI
C10
100 nF
C11
100 nF
VCC_3P3V
C9
10 µF
TUSB1002A
24-PIN RGE
U1
1
MODE
7
RX1N
8
RX1P
9
GND
10
TX2N
11
TX2P
12
RX2P
RX2N
GND
TX1P
TX1N
RSVD1
GND
C2
C1
220 nF
C6
C4
J1
USB3_TYPEA_CONNECTER
VBUS 1
DM 2
DP 3
GND 4
SSRXN
SSRXP 6
GND 7
SSTXN 8
SSTXP 9
SHIELD0 10
SHIELD1 11
1M
C7
100 nF
C8
0.001 µF
USB_VBUS
VCC_3P3V
CONNECT TO
USB3.1 HOST
VCC_3P3V
CFG1
CH1_EQ2
CH1_EQ1
19
20
21
22
23
24
25
VCC_3P3V
2
3
4
5
6
C3
C5
C12
330 nF
C13
330 nF
R1
R16
220 k
R15
220 k
Optional
Optional
Copyright © 2018, Texas Instruments Incorporated
5
220 nF
220 nF
220 nF
220 nF
220 nF
Figure 7-2. Host Implementation Schematic
The USB3.2 Dual channel operation is used in this example. Leave the mode pin floating (unconnected) when
using this mode.
The TUSB1002A compensates for channel loss in both the upstream (D to C) and downstream direction (A to
B). This is done by configurable the CH1_EQ[2:1] and CH2_EQ[2:1] pins to the equalization setting that matches
as close possible to the channel insertion loss. In this particular example, CH1_EQ[2:1] is for path A to B which
is the channel between USB3.2 host and the TUSB1002A, and CH2_EQ[2:1] is for path C to D which is the
channel between TUSB1002A and the USB3.2 receptacle.
The TUSB1002A supports five levels of DC gain that are selected by the CFG[2:1] pins. Typically, the DC gain is
set to 0dB but may need to be adjusted to correct any one of the following conditions:
1. Input VID too high resulting in VOD being greater than USB 3.2 defined swing. For this case, use a negative
DC gain.
2. Input VID too low resulting in VOD being less than USB 3.2 defined swing. For this case, use a positive DC
gain.
3. Low frequency discontinuities in the channel resulting in DC component of the signal clipping the vertical eye
mask. For this case, use a positive DC gain.
Assume in this example that the incoming VID is at the nominal defined USB3.2 range and the channel is linear
across frequency. The CFG1 and CFG2 pins can both be left floating if these assumptions are true.
In this particular example, the channel A-B has a trace length of 8 inches with a 4mil trace width. This particular
channel has about 0.83dB per inch of insertion loss at 5GHz. This equates to approximately 6.7dB of loss for the
entire 8 inches of trace. An additional 1.5dB of loss is added due to package of the USB3.2 Host, TUSB1002A,
and the A/C coupling capacitor. This brings the entire channel loss at 5GHz to 6.7dB + 1.5dB = 8.2dB. A typical
USB 3.1 host/device has around 3dB of transmitter de-emphasis. Transmitter de-emphasis pre-compensates for
the loss of the output channel. With 3dB of de-emphasis, the total equalization required by the TUSB1002A is
in the 5.2dB (8.2dB - 3dB) range. The channel A-B for this example is connected to the RX1P/N input of the
device, therefore the CH1_EQ[2:1] pins are used to adjust the TUSB1002A RX1P/N equalization settings. Set
the CH1_EQ[2:1] pins such that the TUSB1002A equalization is between 5dB and 8dB.
www.ti.com
TUSB1002A
SLLSF63C – MARCH 2018 – REVISED JULY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TUSB1002A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com