Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1002AI Datasheet(PDF) 24 Page - Texas Instruments

Part # TUSB1002AI
Description  TUSB1002A USB3.2 10Gbps Dual-Channel Linear Redriver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB1002AI Datasheet(HTML) 24 Page - Texas Instruments

Back Button TUSB1002AI Datasheet HTML 20Page - Texas Instruments TUSB1002AI Datasheet HTML 21Page - Texas Instruments TUSB1002AI Datasheet HTML 22Page - Texas Instruments TUSB1002AI Datasheet HTML 23Page - Texas Instruments TUSB1002AI Datasheet HTML 24Page - Texas Instruments TUSB1002AI Datasheet HTML 25Page - Texas Instruments TUSB1002AI Datasheet HTML 26Page - Texas Instruments TUSB1002AI Datasheet HTML 27Page - Texas Instruments TUSB1002AI Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
Table 7-4. Design Parameters (continued)
PARAMETER
VALUE
C to D FR4 Trace Width (mils)
4
DC Gain (-2, -1, 0, +1, +2)
Not configurable when MODE = "R", CFG1 = "0", and CFG2 = "0".
Will always default to 0dB
Linear Range (900mV, 1000mV, or 1200mV)
Not configurable when MODE = "R", CFG1 = "0", and CFG2 = "0".
Will always default to 1200mV
7.3.2 Detailed Design Procedure
The MODE pin = "R", CFG1 = "0", and CFG2 = "0" places the TUSB1002A into PCIe mode. In this mode, the
TUSB1002A DC gain is fixed at 0dB and its linearity range is fixed at 1200mV. The TUSB1002A performs far-
end receiver termination detection and enables both upstream and downstream paths when far-end termination
is detected on both TX1 and TX2.
The AC coupling capacitor range defined for a SATA device is a lot smaller than the AC-coupling capacitor range
defined for SATA Express and PCI Express (PCIe) as indicated by Figure 7-5. The AC-coupling capacitor range
defined for SATA Express and PCI Express is within the same range as the AC-coupling capacitor range defined
by USB 3.1. The TUSB1002A is able to detect PCIe and SATA Express device's receiver termination. The
SATA 12nF (maximum) AC-coupling capacitor prevents TUSB1002A from detecting the SATA device receiver
termination. To correct this problem, a ferrite bead along with 49.9Ω resistor must be placed between CTX2 and
miniCard/mSATA socket. These components can be isolated from the high-speed channel when PCIe or SATA
Express is active by using an NFET as shown in Figure 7-6. The NFET is enabled whenever a SATA device
is present. The ferrite bead chosen must present at least 600Ω impedance at 100MHz so as to not impact
high-speed signaling. TI recommends to use Murata BLM03AG601SN1 or BLM03HD601SN1D or a ferrite bead
with similar characteristics from a different vendor. For applications which only require support for PCIe and
SATA Express and do not need to support SATA, the ferrite beads and 49.9Ω resistors are not needed.
+
-
+
-
SATA
Device
12nF (max)
+
-
+
-
SATA
Express
Device
176nF t 265nF
+
-
+
-
PCIe
Device
75nF t 265nF
Figure 7-5. AC-Coupling Capacitor Implementation for SATA, SATA Express, and PCIe Devices
The TUSB1002A power is at P(U0_SSP_1200mV) when both its upstream and downstream paths are enabled. In
order to save system power in system S3/S4/S5 states, it is suggested to control the TUSB1002A EN pin.
Anytime the system enters a low power state (S3, S4, or S5), it is suggested to deassert the EN pin. While
EN pin is deasserted, the TUSB1002A consumes P(SHUTDOWN). Assertion of this pin is necessary anytime the
system exits a lower power state.
The TUSB1002A compensates for channel loss in both the upstream (C to D) and downstream direction (A to
B). This is done by configurable the CH1_EQ[2:1] and CH2_EQ[2:1] pins to the equalization setting that matches
as close possible to the channel insertion loss. In this particular example, CH2_EQ[2:1] is for path A to B which
is the channel between PCIe/SATA/SATA Express host and the TUSB1002A, and CH1_EQ[2:1] is for path C to
D which is the channel between TUSB1002A and the miniCard/mSATA socket.
In this particular example, the channel A-B has a trace length of 8 inches with a 4mil trace width. This particular
channel has about 0.83dB per inch of insertion loss at 5GHz. This equates to approximately 6.7dB of loss for
the entire 8 inches of trace as depicted in Figure 7-3. An additional 1.5dB of loss is added due to package of
the PCIe/SATA/SATA Express Host, TUSB1002A, and the A/C coupling capacitor. This brings the entire channel
loss at 5GHz to 6.7dB + 1.5dB = 8.2dB. The channel A-B for this example is connected to the TUSB1002A
RX2P/N input, therefore the CH2_EQ[2:1] pins are used to adjust the TUSB1002A RX2P/N equalization settings.
TUSB1002A
SLLSF63C – MARCH 2018 – REVISED JULY 2024
www.ti.com
24
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TUSB1002A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com