Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1002AI Datasheet(PDF) 8 Page - Texas Instruments

Part # TUSB1002AI
Description  TUSB1002A USB3.2 10Gbps Dual-Channel Linear Redriver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB1002AI Datasheet(HTML) 8 Page - Texas Instruments

Back Button TUSB1002AI Datasheet HTML 4Page - Texas Instruments TUSB1002AI Datasheet HTML 5Page - Texas Instruments TUSB1002AI Datasheet HTML 6Page - Texas Instruments TUSB1002AI Datasheet HTML 7Page - Texas Instruments TUSB1002AI Datasheet HTML 8Page - Texas Instruments TUSB1002AI Datasheet HTML 9Page - Texas Instruments TUSB1002AI Datasheet HTML 10Page - Texas Instruments TUSB1002AI Datasheet HTML 11Page - Texas Instruments TUSB1002AI Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
5.5 Electrical Characteristics (continued)
over operating free-air temperature and voltage range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VTX-RCV-DETECT
Amount of voltage change
allowed during Rx Detection.
Measured at package pins.
600
mV
VTX-CM-IDLE-DELTA
Transmitter idle common mode
voltage change U2/U3 state.
Max allowed instantaneous commode-
mode voltage at connector side of AC
coupling capacitor. This is an absolute
voltage spec referenced to the receive
side termination ground.
-600
600
mV
VTX-DC-CM
TX DC common mode voltage 1200mVpp linear range setting;
0
1.85
2.05
V
VTX-CM-AC-PP-ACTIVE
Transmitter AC common mode
peak-peak voltage in U0.
Maximum mismatch from
TXP+TXN for both time and
amplitude.
1200mVpp linear setting; CHx_EQ setting
matches input channel insertion loss;
116
mV
VTX-IDLE-DIFF-AC-PP
AC electrical idle differential
peak-to-peak output voltage
0
10
mV
VTX-CM-DC-ACTIVE-
IDLE-DELTA
Absolute DC common mode
voltage between U1 and U0
200
mV
RTX-DC-CM
TX DC common mode
impedance
18
30
Ω
RTX-DC-DIFF
TX DC differential impedance
72
120
Ω
ITX-SHORT
Transmitter short-circuit current
limit.
107
mA
CAC-COUPLING
External AC coupling capacitor
on differential pairs.
75
265
nF
5.6 Timing Requirements
over operating free-air temperature and voltage range (unless otherwise noted)
MIN
NOM
MAX
UNIT
td_pg
Internal power good asserted high when VCC is at 2.5V
5
µs
tCFG_SU
CFG(1) pins setup before internal Reset(2) high
0
µs
tCFG_HD
CFG(1) pins hold after internal Reset(2) high
500
µs
tVCC_RAMP VCC supply ramp requirement
0.1
50
ms
(1)
Following pins comprise CFG pins: MODE, CFG[2:1], CH1_EQ[2:1], CH2_EQ[2:1]
(2)
Internal reset is the logical AND of EN pin and internal power good.
5.7 Switching Characteristics
over operating free-air temperature and voltage range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tIDLEEntry
Delay from U0 to electrical idle
VCC = 3.0V; EN = 1; See Figure 5-1
150
ps
tIDLEEntry_U1
U1 exit time. Break in electrical idle to
transmission of LFPS.
VCC = 3.0V; EN = 1; See Figure 5-1
150
ps
tIDLEEntry_U2U
3
U2/U3 exit time; Break in electrical
idle to transmission of LFPS
VCC = 3.0V; EN = 1; See Figure 5-1
6
µs
tDIFF_DLY
Differential propagation delay
VCC = 3.0V; EN = 1;
150
ps
tPWRUP_ACTIV
E
Time from assertion of EN to device
active and performing Rx.Detect on
both ports
VCC = 3.0V; EN = 1;
8
ms
tTX_RISE_FALL Transmitter rise/fall time
VCC = 3.3V; EN = 1; 10Gbps; 20% to 80%
of differential output; 1200mVpp linear
range setting; Fast Input rise/fall time;
27
ps
TUSB1002A
SLLSF63C – MARCH 2018 – REVISED JULY 2024
www.ti.com
8
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TUSB1002A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com