Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1002AIRGET.B Datasheet(PDF) 22 Page - Texas Instruments

Part # TUSB1002AIRGET.B
Description  TUSB1002A USB3.2 10Gbps Dual-Channel Linear Redriver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB1002AIRGET.B Datasheet(HTML) 22 Page - Texas Instruments

Back Button TUSB1002AIRGET.B Datasheet HTML 18Page - Texas Instruments TUSB1002AIRGET.B Datasheet HTML 19Page - Texas Instruments TUSB1002AIRGET.B Datasheet HTML 20Page - Texas Instruments TUSB1002AIRGET.B Datasheet HTML 21Page - Texas Instruments TUSB1002AIRGET.B Datasheet HTML 22Page - Texas Instruments TUSB1002AIRGET.B Datasheet HTML 23Page - Texas Instruments TUSB1002AIRGET.B Datasheet HTML 24Page - Texas Instruments TUSB1002AIRGET.B Datasheet HTML 25Page - Texas Instruments TUSB1002AIRGET.B Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
The channel C-D has a trace length of 2 inches with a 4mil trace width. Assuming 0.83dB per inch of insertion
loss, the 2 inch trace equates to about 1.66dB of loss at 5GHz. An additional 2dB of loss needs to be added
due to package, A/C coupling capacitor, and the USB 3.1 receptacle. The total loss is around 3.66dB. Because
channel C-D includes a USB 3.1 receptacle, the actual total loss can be much greater than 3.66dB due to the
fact that devices plugged into the receptacle will also have loss. The device plugged into receptacle will have
either a short or long channel. USB3.2 standard defines total loss limit of 23dB that is distributed as 8.5dB
for Host, 8.5dB for device, and 6.0dB for cable. With variable channel of devices plugged into the USB3.2
receptacle, the configurable TUSB1002A RX2P/N equalization settings is not as straight forward as Channel
A-B.
Engineer can not set TUSB1002A CH2_EQ[2:1] pins to the largest equalization setting to accommodate the
largest allowed USB3.2 device/cable loss of 14.5dB, because doing so will cause the TUSB1002A to operate
outside its linear range when a device with short channel is plugged into the receptacle. For this reason, TI
recommends configure the TUSB1002A CH2_EQ[2:1] pins to equalize a shorter device channel, which will
require the USB3.2 host to compensate for remaining channel loss for the worse case USB3.2 channel of
14.5dB. The definition of a short device channel is not specified in USB 3.2 specification. Therefore, an engineer
must make their own loss estimate of what constitutes a short device channel. For particular example, assume
the short channel is around 2 to 3dB. The channel loss of the device must be added to the estimated Channel
C-D loss minus the typical 3dB of de-emphasis. This means CH2_EQ[2:1] pins can be configured to handle a
loss of 3dB to 5dB.
7.2.3 ESD Protection
It may be necessary to incorporate an ESD component to protect the TUSB1002A from electrostatic discharge
(ESD). TI recommends following the ESD protection recommendations listed in Table 7-2. A clamp voltage
greater than value specified in Table 7-2 may require a RESD on each differential pin. Place the ESD component
near the USB connector.
Table 7-2. ESD Diodes Recommended Characteristics
Parameter
Recommendation
Breakdown voltage
≥ 3.5V
I/O line capacitance
Data rates ≤ 5Gbps: ≤ 0.50pF
Data rates > 5Gbps: ≤ 0.35pF
Delta capacitance between any P and N I/O pins
≤ 0.07pF
Clamping voltage at 8A IPP IO to GND (1)
≤ 4.5V
Typical dynamic resistance
≤ 30mΩ
(1)
According to IEC 61000-4-5 (8/20μs current waveform)
Table 7-3. Recommended ESD Protection Component
Manufacturer
Part Number
RESD to pass IEC 61000-4-2 Contact ±8kV
Nexperia
PUSB3FR4
Nexperia
PESD2V8Y1BSF
Texas Instruments
TPD1E04U04DPLR
Texas Instruments
TPD4E02B04DQAR
TUSB1002A
SLLSF63C – MARCH 2018 – REVISED JULY 2024
www.ti.com
22
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TUSB1002A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com