Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1002AIRGET.B Datasheet(PDF) 6 Page - Texas Instruments

Part # TUSB1002AIRGET.B
Description  TUSB1002A USB3.2 10Gbps Dual-Channel Linear Redriver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB1002AIRGET.B Datasheet(HTML) 6 Page - Texas Instruments

Back Button TUSB1002AIRGET.B Datasheet HTML 2Page - Texas Instruments TUSB1002AIRGET.B Datasheet HTML 3Page - Texas Instruments TUSB1002AIRGET.B Datasheet HTML 4Page - Texas Instruments TUSB1002AIRGET.B Datasheet HTML 5Page - Texas Instruments TUSB1002AIRGET.B Datasheet HTML 6Page - Texas Instruments TUSB1002AIRGET.B Datasheet HTML 7Page - Texas Instruments TUSB1002AIRGET.B Datasheet HTML 8Page - Texas Instruments TUSB1002AIRGET.B Datasheet HTML 9Page - Texas Instruments TUSB1002AIRGET.B Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
5.5 Electrical Characteristics
over operating free-air temperature and voltage range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER
PU0_SSP_1200mV
Power under USB3.1 operation
in U0 operating at
SuperSpeedPlug datarate with
linear range set to 1200mV.
At 10Gbps; VCC = 3.3V; EN = 1; Pattern =
CP9; VOD = 1200mVpp
330
mW
PU0_SSP_1000mV
Power under USB3.1 operation
in U0 operating at
SuperSpeedPlug datarate with
linear range set to 1000mV.
At 10Gbps; VCC = 3.3V; EN = 1; Pattern =
CP9; VOD = 1000mVpp
310
mW
PU0_SSP_900mV
Power under USB3.1 operation
in U0 operating at
SuperSpeedPlug datarate with
linear range set to 900mV.
At 10Gbps; VCC = 3.3V; EN = 1; Pattern =
CP9; VOD = 900mVpp
295
mW
PU1
Power in U1 with linear range
set to 1200mV.
In U1; VCC = 3.3V; EN = 1; VOD =
1200mVpp
330
mW
PU2U3
Power when in U2/U3 state.
VCC = 3.3V; EN = 1; Both channels in
U2/U3;
1.5
mW
PDISCONNECT_NONE
Power when no USB device
detected on both TX1P/N and
TX2P/N.
VCC = 3.3V; EN = 1; RX1 and RX2
termination disabled;
1.9
mW
PDISCONNECT_ONE
Power when a single USB
device detected on either
TX1P/N or TX2P/N.
VCC = 3.3V; EN = 1; Either RX1 or RX2
termination enabled but not both enabled;
1.9
mW
PSHUTDOWN
Shutdown power when EN = 0. VCC = 3.3V; EN = 0;
0.7
mW
4-level Inputs (CFG[2:1], MODE, CH1_EQ[2:1], CH2_EQ[2:1])
VTH
Threshold "0" / "R"
VCC = 3.3V
0.55
V
Threshold "R" / "F"
VCC = 3.3V
1.65
V
Threshold "F" / "1"
VCC = 3.3V
2.8
V
IIH
High-level input current
VCC = 3.6V; VIN = 3.6V
20
80
µA
IIL
Low-level input current
VCC = 3.6V; VIN = 0 V
-160
-40
µA
RPU
Internal pullup resistance
45
kΩ
RPD
Internal pulldown resistance
95
kΩ
EN, DCBOOST#
VIH
High-level input voltage
VCC = 3.3V
1.7
3.6
V
VIL
Low-level input voltage
VCC = 3.3V
0
0.7
V
IIH
High-level input current
VCC = 3.6V; VIN = 3.6V
-10
10
µA
IIL
Low-level input current
VCC = 3.6V; VIN = 0 V
-15
15
µA
RPU_EN
Internal pullup resistance for
EN and DCBOOST#
400
kΩ
USB3.1 Receiver Interface (RX1P/N and RX2P/N)
RL_100MHz
Rx Differential return loss at
100MHz to 2.5GHz
SDD11 100MHz to 2.5GHz at 90Ω
-18
dB
RL_5 GHz
Rx Differential return loss at
5GHz
SDD11 5GHz at 90Ω
-14
dB
RL_10 GHz
Rx Differential return loss from
5 to 10GHz
SDD11 5GHz to 10 GHz at 90Ω
-6
dB
RL_CM
Rx common mode return loss
SCC11 0.5 to 5 GHz at 90Ω
-12
dB
X-Talk
Differential crosstalk between
TX and RX signal pairs
-50
dB
EACGAIN_5GHz
Max AC Equalization Gain
50mVpp CP10 at 5GHz; VCC = 3.3V;
16
dB
TUSB1002A
SLLSF63C – MARCH 2018 – REVISED JULY 2024
www.ti.com
6
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TUSB1002A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com