Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM217MS-TR Datasheet(PDF) 9 Page - STMicroelectronics

Part # LM217MS-TR
Description  Medium current 1.2 to 37 V adjustable voltage regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM217MS-TR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button LM217MS-TR Datasheet HTML 5Page - STMicroelectronics LM217MS-TR Datasheet HTML 6Page - STMicroelectronics LM217MS-TR Datasheet HTML 7Page - STMicroelectronics LM217MS-TR Datasheet HTML 8Page - STMicroelectronics LM217MS-TR Datasheet HTML 9Page - STMicroelectronics LM217MS-TR Datasheet HTML 10Page - STMicroelectronics LM217MS-TR Datasheet HTML 11Page - STMicroelectronics LM217MS-TR Datasheet HTML 12Page - STMicroelectronics LM217MS-TR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
6
Application information
The LM217M and LM317M provide an internal reference voltage (1.25 V) between the output and adjustment
terminals. These devices set a constant current flow across an external resistor divider (see Figure 6. Basic
adjustable regulator), giving the following output voltage:
Equation 1
VO = VREF (1 + R2 / R1) + IADJ R2
These devices minimize the term IADJ (100 µA max.) and keep it constant with line and load changes. Usually,
the error terms: IADJ × R2 can be neglected. To obtain the previous requirement, the regulator quiescent current
is returned to the output terminal, imposing a minimum load current condition. If the load is insufficient, the output
voltage rises.
Since the LM217M and LM317M devices are floating regulators and only “see” the input-to-output differential
voltage, high voltage supplies can be regulated as long as the maximum input-to-output differential is not
exceeded. Furthermore, programmable regulators are easily obtained and, by connecting a fixed resistor between
the adjustment and output, the devices can be used as precision current regulators. In order to optimize the load
regulation, R1, the current set resistor (see Figure 6. Basic adjustable regulator) should be as closer as possible
to the regulator, while R2, the ground terminal should be near the ground of the load to provide remote ground
sensing.
6.1
External capacitors
Usually, capacitors are not necessary unless the devices are far from the input filter capacitors; in this case an
input bypass is needed.
To reduce the sensitivity to input line impedance, a 0.1 µF disc or 1 µF tantalum input bypass capacitor (CI) is
recommended.
The adjustment terminal may be bypassed to ground to improve ripple rejection. This capacitor (CADJ) avoids the
amplification of ripple as the output voltage rises. A 10 µF capacitor should improve ripple rejection about 80 dB at
120 Hz in a 10 V application.
Although the devices are stable without any output capacitors, some external capacitance values can cause
excessive ringing. A 1 µF solid tantalum or 25 µF aluminum electrolytic output capacitor swamps this effect and
assures stability.
6.2
Protection diodes
When external capacitors are used with any IC regulator, sometimes some protection diodes have to be added to
prevent the capacitors from discharging through low current points into the regulator.
Figure 8. Voltage regulator with protection diodes shows the devices with the recommended protection diodes for
output voltages in excess of 25 V or high capacitance values (C3 > 25 µF, C2 > 10 µF). Diode D1 prevents C3
from discharging through the IC during an input short-circuit. The combination of diodes D1 and D2 prevents C2
from discharging through the regulator during an input or output short-circuit.
6.3
Start-up block
Reboot of the device is not guaranteed when the junction temperature is over 85 °C.
LM217M, LM317M
Application information
DS0522 - Rev 12
page 9/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com