Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM217MS-TR Datasheet(PDF) 15 Page - STMicroelectronics

Part # LM217MS-TR
Description  Medium current 1.2 to 37 V adjustable voltage regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM217MS-TR Datasheet(HTML) 15 Page - STMicroelectronics

Back Button LM217MS-TR Datasheet HTML 11Page - STMicroelectronics LM217MS-TR Datasheet HTML 12Page - STMicroelectronics LM217MS-TR Datasheet HTML 13Page - STMicroelectronics LM217MS-TR Datasheet HTML 14Page - STMicroelectronics LM217MS-TR Datasheet HTML 15Page - STMicroelectronics LM217MS-TR Datasheet HTML 16Page - STMicroelectronics LM217MS-TR Datasheet HTML 17Page - STMicroelectronics LM217MS-TR Datasheet HTML 18Page - STMicroelectronics LM217MS-TR Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
Table 7. DPAK(TO-252) mechanical data (type E)
Dim.
mm
Min.
Typ.
Max.
A
2.18
2.39
A2
0.13
b
0.65
0.884
b4
4.95
5.46
c
0.46
0.61
c2
0.46
0.60
D
5.97
6.22
D1
5.21
E
6.35
6.73
E1
4.32
e
2.286
e1
4.572
H
9.94
10.34
L
1.50
1.78
L1
2.74
L2
0.89
1.27
L4
1.02
LM217M, LM317M
DPAK (TO-252) package information
DS0522 - Rev 12
page 15/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com