Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RK73H1HTTP1002D Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # RK73H1HTTP1002D
Description  Flat Chip Resistors (Precision Grade)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

RK73H1HTTP1002D Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  RK73H1HTTP1002D Datasheet HTML 1Page - KOA Speer Electronics, Inc. RK73H1HTTP1002D Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
Contact our sales representatives before you use our products for applications including automotives, medical equipment and aerospace equipment.
Malfunction or failure of the products in such applications may cause loss of human life or serious damage.
www.koaglobal.com
THICK FILM(PRECISION)
RK73H FlatChipResistors(PrecisionGrade)
■Construction
Coating color:Black(1F, 1H),
Blue(1E, 1J, 2A, 2B, 2E, W2H, W3A, W3A2)
■Features
・Wide lineup from 01005 to 2512 size.
・Excellent heat resistance and weather resistance are ensured by
the use of metal glaze thick film.
・Suitable for both flow and reflow solderings.
・Products with lead free termination meet EU-RoHS requirements.
EU-RoHS regulation is not intended for Pb-glass contained in
electrode, resistor element and glass.
・AEC-Q200 Tested (Exemption 1F).
■Reference Standards
 IEC 60115-8
 JIS C 5201-8
 EIAJ RC-2134C
① Protective coating
② Resistive film
③ Inner electrode
④ Ni plating
⑤ Solder plating
⑥ Ceramic substrate
L
c
c
W
t
d
③
②
①
④
⑤
⑥
■Type Designation
 Example
※2 With type A(1E,1J,2A,2B)only T is available as the terminal surface material.
※3 Products with gold plated electrodes are also available with 1E, 1J and 2A types(10Ω∼1MΩ), so please consult with us.
※4 With type 1F, 1H, W2H, W3A, W3A2 only T is available as the terminal surface material.
The terminal surface material lead free is standard.
Contact us when you have control request for environmental hazardous material other than the substance specified by EU-RoHS.
For further information on taping, please refer to APPENDIX C on the back pages.
■Dimensions
EU
RoHS
※1 RK73H 2H, 3A and 3A2 are also still available (different“d”dimensions=0.4+0.2
−0.1
mm)
■Ratings
Type
Power
Rating
Rated Ambient
Temp.
Rated Terminal
Part Temp.
T.C.R.
(×10−6/K)
Resistance Range(Ω)
Max. Working
Voltage
Max.
Overload
Voltage
Packaging & Q'ty/Reel(pcs)
D:±0.5%
E24・E96
F:±1%
E24・E96
TX
TBL
TCM※8
TPL・TP
TD
TE
1F
0.03W
70℃
—
±200
—
100k~2M※5
20V
30V
40,000
20,000
—
—
—
—
±250
10~91k※5
1H
0.05W
70℃
125℃
±200
10~1M
10~10M※5
25V
50V
—
—
15,000
—
—
—
±400
—
1~9.1※5
1E
0.1W
70℃
125℃
±100
10~1M
10~1M
75V
100V
—
—
—
TPL:20,000
TP :10,000
—
—
±200
—
1~9.76
1.02M~10M
1J
0.1W
70℃
125℃
±100
1.02k~1M
1.02k~1M
—
—
—
TP :10,000※7
5,000
—
±200
—
1.02M~10M
0.125W
±100
10~1k
10~1k
±200
—
1~9.76
2A
0.25W
70℃
125℃
±100
10~1M
10~1M
150V
200V
—
—
—
TP :10,000※7
5,000
4,000※7
±200
—
1~9.76
±400
1.02M~10M
2B
0.25W
70℃
125℃
±100
10~1M
10~1M
200V
400V
—
—
—
—
5,000
4,000※7
±200
—
1~9.76
1.02M~5.6M
±400
5.62M~10M
2E
0.5W
70℃
125℃
±100
10~1M
10~1M
—
—
—
—
5,000
4,000※7
±200
—
1~9.76
1.02M~5.6M
±400
5.62M~10M
W2H
0.75W
70℃
125℃
±100
10~1M
10~1M
—
—
—
—
—
4,000
±200
—
1~9.76
1.02M~5.6M
±400
5.62M~10M
W3A
1W
70℃
125℃
±100
10~1M
10~1M
200V
400V
—
—
—
—
—
4,000
±200
—
1~9.76
1.02M~5.6M
±400
5.62M~10M
W3A2
2W※6
70℃
95℃
±100
10~1M
10~1M
200V
400V
—
—
—
—
—
4,000
±200
—
1~9.76
1.02M~5.6M
±400
5.62M~10M
Operating Temperature Range :−55℃∼+125℃(1F)、−55℃∼+155℃(1H・1E・1J・2A・2B・2E・W2H・W3A・W3A2)
Rated voltage= Power Rating×Resistance value or Max. working voltage, whichever is lower.
For flat chip jumper resistor, please refer to RK73Z series.
※5 The nominal resistance value for RK73H1F(10Ω≦R≦2MΩ)and RK73H1H(1Ω≦R≦9.1Ω, 1MΩ≦R≦10MΩ)is E24.
※6 If you use at the rated power, please keep the condition that the terminal of the resistor is below the rated terminal part temperature. Please refer to the derating curves based on the terminal temperature of right side on the next page.
※7 Standard packaging:TD(4mm pitch punch paper)
※8 Standard taping specification of 1H is TCM. Previously available“TC(10,000pcs/Reel)”is not recommended for new designs.
If any questions arise whether to use the“Rated Ambient Temperature”or the“Rated Terminal Part Temperature”in your usage conditions, please give priority to the“Rated Terminal Part Temperature”.
For more details, please refer to“Introduction of the derating curves based on the terminal part temperature”on the beginning of our catalog.
While using under high power, the temperature of the product may increase depending on the condition of heat dissipation from PCB.
Be sure to check the terminal part temperature as well as precautions to use on delivery specifications before use.
√ ̄ ̄ ̄ ̄ ̄ ̄ ̄ ̄ ̄ ̄ ̄
Type
(Inch Size Code)
Dimensions(mm)
Weight(g)
(1000pcs)
L
W
c
d
t
1F(01005)
0.4±0.02
0.2±0.02
0.10±0.03 0.11±0.03 0.13±0.02
0.04
1H(0201)
0.6±0.03
0.3±0.03
0.1±0.05 0.15±0.05 0.23±0.03
0.14
1E(0402)
1.0+0.1
-0.05
0.5±0.05
0.2±0.1
0.25+0.05
-0.1
0.35±0.05
0.68
1E AT(0402)
0.25±0.10
0.3±0.15
1J(0603)
1.6±0.2
0.8±0.1
0.3±0.1
0.3±0.1
0.45±0.1
2.14
1J AT(0603)
0.35±0.15
0.5±0.2
2A(0805)
2.0±0.2
1.25±0.1
0.4±0.2
0.3+0.2
-0.1
0.5±0.1
4.54
2A AT(0805)
0.45±0.25
0.6±0.2
0.55±0.10
2B(1206)
3.2±0.2
1.6±0.2
0.5±0.3
0.4+0.2
-0.1
0.6±0.1
9.14
2B AT(1206)
0.55±0.35
0.8±0.2
2E(1210)
2.6±0.2
0.5±0.3
0.4+0.2
-0.1
15.5
W2H(2010)※1
5.0±0.2
2.5±0.2
0.65±0.15
24.3
W3A(2512)※1
6.3±0.2
3.1±0.2
37.1
W3A2(2512)※1
Characteristic
Nil:Standard
A:Heat shock
resistance※2
Terminal
Surface Material
T:Sn
G:Au※3
(L:Sn/Pb※4)
Taping
TX:4mm width-
  1mm pitch plastic
  embossed
TBL・TCM:
2mm pitch
press paper
TPL・TP:
2mm pitch
punch paper
TD:4mm pitch
punch paper
TE:4mm pitch
plastic
embossed
BK:Bulk
Nominal
Resistance
4 digits
Resistance
Tolerance
D:±0.5%
F:±1%
RK73H
2B
T
TD
1002
F
Product
Code
Power
Rating
1F:0.03W
1H:0.05W
1E:0.1W
1J:0.1W
0.125W
2A:0.25W
2B:0.25W
2E:0.5W
W2H:0.75W
W3A:1W
W3A2:2W※5
Jul. 2022
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
  
Contact our sales representatives before you use our products for applications including automotives, medical equipment and aerospace equipment.
Malfunction or failure of the products in such applications may cause loss of human life or serious damage.
www.koaglobal.com
■Performance
■Precautions for Use
・The substrate of chip resistors is alumina. Cracks may occur at the connection of solder (solder fillet portion) due to the difference of the coefficient of thermal
expansion from a mounting board when heat stress like heat cycle, etc. are repeatedly given to them. Care should be taken to the occurrence of the cracks when
the change in ambient temperature or ON /OFF of load is repeated, especially when large types of W2H/W3A/W3A2 which have large thermal expansion and
also self heating. By general temperature cycle test using glass-epoxy (FR-4) boards under the maximum/minimum temperatures of operating temperature range,
the crack does not occur easily in the types of 1F∼2E, but the crack tends to occur in the types of W2H/W3A/W3A2. The occurrence of the crack by heat
stress may be influenced by the size of a pad, solder volume, heat radiation of mounting board etc., so please pay careful attention to designing when a big change
in ambient temperature and conditions for use like ON/OFF of load can be assumed.
・Care should be taken that RK73H1F may be damaged when static electricity occurs and is applied in the equipment.
Test Items
Performance Requirements ΔR±(%+0.1Ω)
Test Methods
Limit
Typical 
Resistance
Within specified tolerance
—
25℃
T.C.R.
Within specified T.C.R
—
+25℃/-55℃ and +25℃/+125℃
Overload(Short time)
2
1:1F
0.5:others
Rated voltage×2.5 for 5s
(1E, 2B, W3A2:Rated voltage×2 for 5s)
Resistance
to soldering heat
1:1F~W3A(10Ω≦R≦1MΩ)
3:1H~W3A(R<10Ω, R>1MΩ)
0.5:1F~W3A(10Ω≦R≦1MΩ)
1:1H~W3A(R<10Ω, R>1MΩ)
260℃±5℃, 10s±1s
Rapid change of
temperature
1:1F, Characteristic「A」
  (Heat shock resistance)
0.5:others
0.5:1F, Characteristic「A」
  (Heat shock resistance)
0.3:others
Characteristic「Nil」
(Standard):
  ー55℃(30min.)/+125℃(30min.)100 cycles
Characteristic「A」
(Heat shock resistance):
  ー55℃(30min.)/+125℃(30min.)1000 cycles
Moisture resistance
2:1J, 2A, 2B
3:others
0.75:1J, 2A, 2B
1.5:1F
1:others
40℃±2℃, 90%~95%RH, 1000h
1.5h ON/0.5h OFF cycle
Endurance at 70℃ or rated
terminal part temperature
2:1J, 2A, 2B
3:others
0.75:1J, 2A, 2B
1:others
70℃±2℃ or rated terminal part temperature ±2℃ 1000h
1.5h ON/0.5h OFF cycle
High temperature exposure
1
0.5:1F
0.3:others
+125℃, 1000h:1F
+155℃, 1000h:1H, 1E, 1J, 2A, 2B, 2E, W2H, W3A, W3A2
■Derating Curve
■Temperature Rise
■One-Pulse Limiting Electric Power
100
80
60
40
20
0
-60 -40 -20
0204060
70
-55
80 100 120
125 155
140 160
Ambient temperature(℃)
1F
1H,1E,1J,2A,2B
2E,W2H,W3A(1W),
W3A2(2W)
100
80
60
40
20
0
-60 -40 -20
0204060
70
-55
80 100 120
125 155
140 160
Terminal part temperature(℃)
1H,1E,1J,2A,2B,2E,
W2H,W3A(1W)
100
80
60
40
20
0
-60 -40 -20
0204060
95
-55
80 100 120
155
140 160
Terminal part temperature(℃)
あ1
あ1
Ambient temperature
Terminal part temperature
Terminal part temperature
RK73H W3A2
For resistors operated at an ambient temperature of
70℃ or higher, the power shall be derated in accordance
with the above derating curve.
When the terminal part temperature of the resistor exceeds the rated terminal part temperature shown above, the power
shall be derated according to the derating curve.
※Please refer to“Introduction of the derating curves based on the terminal part temperature” on the beginning of our
catalog before use.
0
10
20
30
40
50
60
70
80
90
100
0
25
50
75
100
RK73H 2A-2E
2E
2E
2B
2A
2B
2A
0
50
100
150
200
250
300
0
25
50
75
100
Power Rating(%)
RK73H W2H-W3A2
W3A2
W3A2
W3A
W2H
W3A
W2H
②:Terminal
①:Hot spot
Measurement condition
Room temperature: 25℃
PCB: FR-4t = 1.6mm
Cu foil thickness: 35µm
Power Rating(%)
0
10
20
30
40
50
60
0
25
50
75
100
1E
1J
1E
1J
1H
1F
1H
1F
RK73H 1F-1J
Power Rating(%)
The maximum applicable voltage is equal to the max. overload voltage.
Please ask us about the resistance characteristic of continuous applied pulse.
The pulse endurance values are not assured values,so be sure to check the
products on actual equipment when you use them.
Pulse Duration(ms)
0.001
0.01
0.1
1
10
100
1000
RK73H 1F-2A
RK73H 2B-W3A2
100
10
1
0.1
0.01
Pulse Duration(ms)
0.001
0.01
0.1
1
10
100
1000
1000
100
10
1
2A
1J
1E
1H
1F
W3A/W3A2
2H/W2H
2E
2B
Regarding the temperature rise, the
value of the temperature varies per
conditions and board for use since the
temperature is measured under our
measuring conditions.
Jul. 2022
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
Contact our sales representatives before you use our products for applications including automotives, medical equipment and aerospace equipment.
Malfunction or failure of the products in such applications may cause loss of human life or serious damage.
www.koaglobal.com
Oct. 2022



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com