Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RK73H1HTTP1002D Datasheet(PDF) 1 Page - KOA Speer Electronics, Inc.

Part # RK73H1HTTP1002D
Description  Flat Chip Resistors (Precision Grade)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

RK73H1HTTP1002D Datasheet(HTML) 1 Page - KOA Speer Electronics, Inc.

  RK73H1HTTP1002D Datasheet HTML 1Page - KOA Speer Electronics, Inc. RK73H1HTTP1002D Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
Contact our sales representatives before you use our products for applications including automotives, medical equipment and aerospace equipment.
Malfunction or failure of the products in such applications may cause loss of human life or serious damage.
www.koaglobal.com
THICK FILM(PRECISION)
RK73H FlatChipResistors(PrecisionGrade)
■Construction
Coating color:Black(1F, 1H),
Blue(1E, 1J, 2A, 2B, 2E, W2H, W3A, W3A2)
■Features
・Wide lineup from 01005 to 2512 size.
・Excellent heat resistance and weather resistance are ensured by
the use of metal glaze thick film.
・Suitable for both flow and reflow solderings.
・Products with lead free termination meet EU-RoHS requirements.
EU-RoHS regulation is not intended for Pb-glass contained in
electrode, resistor element and glass.
・AEC-Q200 Tested (Exemption 1F).
■Reference Standards
 IEC 60115-8
 JIS C 5201-8
 EIAJ RC-2134C
① Protective coating
② Resistive film
③ Inner electrode
④ Ni plating
⑤ Solder plating
⑥ Ceramic substrate
L
c
c
W
t
d
③
②
①
④
⑤
⑥
■Type Designation
 Example
※2 With type A(1E,1J,2A,2B)only T is available as the terminal surface material.
※3 Products with gold plated electrodes are also available with 1E, 1J and 2A types(10Ω∼1MΩ), so please consult with us.
※4 With type 1F, 1H, W2H, W3A, W3A2 only T is available as the terminal surface material.
The terminal surface material lead free is standard.
Contact us when you have control request for environmental hazardous material other than the substance specified by EU-RoHS.
For further information on taping, please refer to APPENDIX C on the back pages.
■Dimensions
EU
RoHS
※1 RK73H 2H, 3A and 3A2 are also still available (different“d”dimensions=0.4+0.2
−0.1
mm)
■Ratings
Type
Power
Rating
Rated Ambient
Temp.
Rated Terminal
Part Temp.
T.C.R.
(×10−6/K)
Resistance Range(Ω)
Max. Working
Voltage
Max.
Overload
Voltage
Packaging & Q'ty/Reel(pcs)
D:±0.5%
E24・E96
F:±1%
E24・E96
TX
TBL
TCM※8
TPL・TP
TD
TE
1F
0.03W
70℃
—
±200
—
100k~2M※5
20V
30V
40,000
20,000
—
—
—
—
±250
10~91k※5
1H
0.05W
70℃
125℃
±200
10~1M
10~10M※5
25V
50V
—
—
15,000
—
—
—
±400
—
1~9.1※5
1E
0.1W
70℃
125℃
±100
10~1M
10~1M
75V
100V
—
—
—
TPL:20,000
TP :10,000
—
—
±200
—
1~9.76
1.02M~10M
1J
0.1W
70℃
125℃
±100
1.02k~1M
1.02k~1M
—
—
—
TP :10,000※7
5,000
—
±200
—
1.02M~10M
0.125W
±100
10~1k
10~1k
±200
—
1~9.76
2A
0.25W
70℃
125℃
±100
10~1M
10~1M
150V
200V
—
—
—
TP :10,000※7
5,000
4,000※7
±200
—
1~9.76
±400
1.02M~10M
2B
0.25W
70℃
125℃
±100
10~1M
10~1M
200V
400V
—
—
—
—
5,000
4,000※7
±200
—
1~9.76
1.02M~5.6M
±400
5.62M~10M
2E
0.5W
70℃
125℃
±100
10~1M
10~1M
—
—
—
—
5,000
4,000※7
±200
—
1~9.76
1.02M~5.6M
±400
5.62M~10M
W2H
0.75W
70℃
125℃
±100
10~1M
10~1M
—
—
—
—
—
4,000
±200
—
1~9.76
1.02M~5.6M
±400
5.62M~10M
W3A
1W
70℃
125℃
±100
10~1M
10~1M
200V
400V
—
—
—
—
—
4,000
±200
—
1~9.76
1.02M~5.6M
±400
5.62M~10M
W3A2
2W※6
70℃
95℃
±100
10~1M
10~1M
200V
400V
—
—
—
—
—
4,000
±200
—
1~9.76
1.02M~5.6M
±400
5.62M~10M
Operating Temperature Range :−55℃∼+125℃(1F)、−55℃∼+155℃(1H・1E・1J・2A・2B・2E・W2H・W3A・W3A2)
Rated voltage= Power Rating×Resistance value or Max. working voltage, whichever is lower.
For flat chip jumper resistor, please refer to RK73Z series.
※5 The nominal resistance value for RK73H1F(10Ω≦R≦2MΩ)and RK73H1H(1Ω≦R≦9.1Ω, 1MΩ≦R≦10MΩ)is E24.
※6 If you use at the rated power, please keep the condition that the terminal of the resistor is below the rated terminal part temperature. Please refer to the derating curves based on the terminal temperature of right side on the next page.
※7 Standard packaging:TD(4mm pitch punch paper)
※8 Standard taping specification of 1H is TCM. Previously available“TC(10,000pcs/Reel)”is not recommended for new designs.
If any questions arise whether to use the“Rated Ambient Temperature”or the“Rated Terminal Part Temperature”in your usage conditions, please give priority to the“Rated Terminal Part Temperature”.
For more details, please refer to“Introduction of the derating curves based on the terminal part temperature”on the beginning of our catalog.
While using under high power, the temperature of the product may increase depending on the condition of heat dissipation from PCB.
Be sure to check the terminal part temperature as well as precautions to use on delivery specifications before use.
√ ̄ ̄ ̄ ̄ ̄ ̄ ̄ ̄ ̄ ̄ ̄
Type
(Inch Size Code)
Dimensions(mm)
Weight(g)
(1000pcs)
L
W
c
d
t
1F(01005)
0.4±0.02
0.2±0.02
0.10±0.03 0.11±0.03 0.13±0.02
0.04
1H(0201)
0.6±0.03
0.3±0.03
0.1±0.05 0.15±0.05 0.23±0.03
0.14
1E(0402)
1.0+0.1
-0.05
0.5±0.05
0.2±0.1
0.25+0.05
-0.1
0.35±0.05
0.68
1E AT(0402)
0.25±0.10
0.3±0.15
1J(0603)
1.6±0.2
0.8±0.1
0.3±0.1
0.3±0.1
0.45±0.1
2.14
1J AT(0603)
0.35±0.15
0.5±0.2
2A(0805)
2.0±0.2
1.25±0.1
0.4±0.2
0.3+0.2
-0.1
0.5±0.1
4.54
2A AT(0805)
0.45±0.25
0.6±0.2
0.55±0.10
2B(1206)
3.2±0.2
1.6±0.2
0.5±0.3
0.4+0.2
-0.1
0.6±0.1
9.14
2B AT(1206)
0.55±0.35
0.8±0.2
2E(1210)
2.6±0.2
0.5±0.3
0.4+0.2
-0.1
15.5
W2H(2010)※1
5.0±0.2
2.5±0.2
0.65±0.15
24.3
W3A(2512)※1
6.3±0.2
3.1±0.2
37.1
W3A2(2512)※1
Characteristic
Nil:Standard
A:Heat shock
resistance※2
Terminal
Surface Material
T:Sn
G:Au※3
(L:Sn/Pb※4)
Taping
TX:4mm width-
  1mm pitch plastic
  embossed
TBL・TCM:
2mm pitch
press paper
TPL・TP:
2mm pitch
punch paper
TD:4mm pitch
punch paper
TE:4mm pitch
plastic
embossed
BK:Bulk
Nominal
Resistance
4 digits
Resistance
Tolerance
D:±0.5%
F:±1%
RK73H
2B
T
TD
1002
F
Product
Code
Power
Rating
1F:0.03W
1H:0.05W
1E:0.1W
1J:0.1W
0.125W
2A:0.25W
2B:0.25W
2E:0.5W
W2H:0.75W
W3A:1W
W3A2:2W※5
Jul. 2022
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
Contact our sales representatives before you use our products for applications including automotives, medical equipment and aerospace equipment.
Malfunction or failure of the products in such applications may cause loss of human life or serious damage.
www.koaglobal.com
Oct. 2022


Similar Part No. - RK73H1HTTP1002D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RK73H1HTTP1003D ETC1-RK73H1HTTP1003D Datasheet
524Kb / 2P
PRECISION 0.5%, 1% TOLERANCE THICK FILM CHIP RESISTOR
RK73H1HTTP1003F ETC1-RK73H1HTTP1003F Datasheet
524Kb / 2P
PRECISION 0.5%, 1% TOLERANCE THICK FILM CHIP RESISTOR
More results

Similar Description - RK73H1HTTP1002D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RK73H1J ETC1-RK73H1J Datasheet
84Kb / 5P
FLAT CHIP RESISTORS PRECISION 1% & 0.5% TOLERANCE
MCT0603 ETC1-MCT0603 Datasheet
763Kb / 13P
Precision flat chip resistors
RC02 ETC1-RC02 Datasheet
644Kb / 15P
Precision chip resistors
logo
Willow Technologies Ltd
CMF0603 WILLOW-CMF0603 Datasheet
333Kb / 2P
Precision Chip Resistors
logo
RCD COMPONENTS INC.
MCT0805S-R100-B RCD-MCT0805S-R100-B Datasheet
25Kb / 1P
THICK FILM PRECISION CHIP RESISTORS MILITARY GRADE
logo
HOKURIKU ELECTRIC INDUS...
E011400 HOKURIKU-E011400 Datasheet
89Kb / 4P
Flat Chip Resistors
logo
Vishay Siliconix
MCS0402 VISHAY-MCS0402 Datasheet
632Kb / 2P
Precision Thin Film Flat Chip Resistors
18-Dec-09
logo
YAGEO Corporation
RE0805DR-071KL YAGEO-RE0805DR-071KL Datasheet
281Kb / 7P
THICK FILM CHIP RESISTORS Precision grade
logo
Bourns Electronic Solut...
CRP0603-BZ-7871ELF BOURNS-CRP0603-BZ-7871ELF Datasheet
217Kb / 3P
Precision Chip Resistors
logo
YAGEO Corporation
AC0402BRE0710R YAGEO-AC0402BRE0710R Datasheet
529Kb / 7P
THICK FILM CHIP RESISTORS Automotive Precision grade
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com