Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB212 Datasheet(PDF) 11 Page - Texas Instruments

Part # TUSB212
Description  TUSB212 USB 2.0 High Speed Signal Conditioner
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB212 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TUSB212 Datasheet HTML 7Page - Texas Instruments TUSB212 Datasheet HTML 8Page - Texas Instruments TUSB212 Datasheet HTML 9Page - Texas Instruments TUSB212 Datasheet HTML 10Page - Texas Instruments TUSB212 Datasheet HTML 11Page - Texas Instruments TUSB212 Datasheet HTML 12Page - Texas Instruments TUSB212 Datasheet HTML 13Page - Texas Instruments TUSB212 Datasheet HTML 14Page - Texas Instruments TUSB212 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
11
TUSB212
www.ti.com
SLLSEX5A – AUGUST 2017 – REVISED SEPTEMBER 2017
Product Folder Links: TUSB212
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Typical Application (continued)
Table 3. Design Parameters (continued)
PARAMETER
VALUE
DC Boost
RDC1
RDC2
Level
Mid DC Level:
RDC1 = DNI
RDC2 = DNI
22 kΩ - 47 kΩ
Do Not Install (DNI)
40 mV Low DC Boost
DNI
DNI
60 mV Mid DC Boost
DNI
22 kΩ - 47 kΩ
80 mV High DC Boost
8.2.2 Detailed Design Procedure
TUSB212 requires a valid reset signal as described in the power supply recommendations section. The capacitor
at RSTN pin is not required if a microcontroller drives the RSTN pin according to recommendations.
VREG pin is the internal LDO output that requires a 0.1-μF external capacitor to GND to stabilize the core.
The ideal AC/DC Boost setting is dependent upon the signal chain loss characteristics of the target platform. The
general recommendation is to start with AC Boost level 0, and then increment to AC Boost level 1, etc. when
needed. Same applies to the DC boost setting where it is recommended to plan for the required pad to change
boost settings.
In order for the TUSB212 to recognize any change to the AC or DC boost settings, the RSTN pin must be
toggled. This is because the EQ and DC_BOOST pins are latched on power up and the pins are ignored
thereafter.
Further D1P has to be shorted to D2P and D1M shorted to D2M on the board for correct functionality of the
device.
Placement of the device is also dependent on the application goal. Table 4 summarizes our recommendations.
Table 4. Platform Placement Guideline
PLATFORM GOAL
SUGGESTED TUSB212 PLACEMENT
Pass USB Near End Mask
Close to measurement point
Pass USB Far End Eye Mask
Close to USB PHY
Cascade multiple TUSB212 to improve device enumeration
Midway between each USB interconnect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com