Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB212 Datasheet(PDF) 12 Page - Texas Instruments

Part # TUSB212
Description  TUSB212 USB 2.0 High Speed Signal Conditioner
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB212 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TUSB212 Datasheet HTML 8Page - Texas Instruments TUSB212 Datasheet HTML 9Page - Texas Instruments TUSB212 Datasheet HTML 10Page - Texas Instruments TUSB212 Datasheet HTML 11Page - Texas Instruments TUSB212 Datasheet HTML 12Page - Texas Instruments TUSB212 Datasheet HTML 13Page - Texas Instruments TUSB212 Datasheet HTML 14Page - Texas Instruments TUSB212 Datasheet HTML 15Page - Texas Instruments TUSB212 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
DCBOOST/ENA_HS
D2P
D2M
SCL/CD
VCC
SDA
D1P
D1N
100 nF
100 nF
REQ
+3.3 V
100 nF
1 PF
+3.3 V
RDC1
RDC2
USB
Host or Hub
USB_DP
USB_DN
USB_DP
USB_DN
Copyright © 2017, Texas Instruments Incorporated
12
TUSB212
SLLSEX5A – AUGUST 2017 – REVISED SEPTEMBER 2017
www.ti.com
Product Folder Links: TUSB212
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
D2P must be shorted to D1P on PCB.
D2N must be shorted to D1N on PCB.
Figure 7. Reference Schematic
8.2.2.1 Test Procedure to Construct USB High Speed Eye Diagram
NOTE
USB-IF certification tests for High Speed eye masks require the mandated use of the
USB-IF developed test fixtures. These test fixtures do not require the use of oscilloscope
probes. Instead they use SMA cables. More information can be found at the USB-IF
Compliance Updates Page. It is located under the ‘Electricals’ section, ID 86 dated March
2013.
The following procedure must be followed before using any oscilloscope compliance software to construct a USB
High Speed Eye Mask:
8.2.2.1.1
For a Host Side Application
1. Configure the TUSB212 to the desired AC and DC boost settings.
2. Power on (or toggle the RSTN pin if already powered on) the TUSB212
3. Using SMA cables, connect the oscilloscope and the USB-IF host-side test fixture to the TUSB212
4. Enable the host to transmit USB TEST_PACKET
5. Execute the oscilloscope USB compliance software.
6. Repeat the above steps in order to re-test TUSB212 with different AC and DC boost settings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com