Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB214 Datasheet(PDF) 3 Page - Texas Instruments

Part # TUSB214
Description  TUSB214 USB 2.0 High Speed Signal Conditioner with BC1.2 CDP
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB214 Datasheet(HTML) 3 Page - Texas Instruments

  TUSB214 Datasheet HTML 1Page - Texas Instruments TUSB214 Datasheet HTML 2Page - Texas Instruments TUSB214 Datasheet HTML 3Page - Texas Instruments TUSB214 Datasheet HTML 4Page - Texas Instruments TUSB214 Datasheet HTML 5Page - Texas Instruments TUSB214 Datasheet HTML 6Page - Texas Instruments TUSB214 Datasheet HTML 7Page - Texas Instruments TUSB214 Datasheet HTML 8Page - Texas Instruments TUSB214 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
4
SDA
3
5
6
9
10
11
12
1
8
7
SCL/CD
RSTN
EQ
D2P
D2M
DC_BOOST/
ENA_HS
GND
VREG
VCC
D1M
D1P
2
3
TUSB214
www.ti.com
SLLSEX7A – AUGUST 2017 – REVISED SEPTEMBER 2017
Product Folder Links: TUSB214
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Pull-up resistors for SDA and SCL pins in I2C mode should be 4.7 kΩ (5%). If both SDA and SCL are pulled up at reset the device
enters into I2C mode.
(2)
Pull-down and pull-up (to 3.3 V) resistors for DC_BOOST pins must be between 22 kΩ to 47 kΩ in non I2C mode.
5 Pin Configuration and Functions
RWB Package
12 Pin (X2QFN)
Top View
Pin Functions
PIN
I/O
INTERNAL
PULLUP/PULLDOWN
DESCRIPTION
NAME
NO.
D1M
1
I/O
N/A
USB High Speed negative port..
D1P
2
I/O
N/A
USB High Speed positive port.
SDA
(1)
3
I/O
RSTN asserted: 500 k
Ω PD
I2C Mode:
Bidirectional I2C data pin [I2C address = 0x2C].
In non I2C mode:
Reserved for TI test purpose.
SCL
(1)/CD
4
I/O
RSTN asserted: 500 k
Ω PD
In I2C mode:
I2C clock pin [I2C address = 0x2C].
Non I2C mode:
After reset: Output CD. Flag indicating that a USB device is attached (connection
detected). Asserted from an unconnected state upon detection of DP or DM pull-up
resistor. De-asserted upon detection of disconnect.
RSTN
5
I
500 k
Ω PU
Device disable/enable.
Low – Device is at reset and in shutdown, and
High – Normal operation.
Recommend 0.1-µF external capacitor to GND to ensure clean power on reset if not
driven.
If the pin is driven, it must be held low until the supply voltage for the device reaches
within specifications.
EQ
6
I
N/A
USB High Speed AC boost select via external pull down resistor.
Sampled upon de-assertion of RSTN. Does not recognize real time adjustments.
Auto selects max AC Boost when left floating.
D2P
7
I/O
N/A
USB High Speed positive port.
D2M
8
I/O
N/A
USB High Speed negative port.
DC_BOOST
(2)/
ENA_HS
9
I/O
In I2C mode:
Reserved for TI test purpose.
In non-I2C mode:
At reset: 3-level input signal DC_BOOST. USB High Speed DC signal boost selection.
H (pin is pulled high) – 80 mV
M (pin is left floating) – 60 mV
L (pin is pulled low) – 40 mV
After reset: Output signal ENA_HS. Flag indicating that channel is in High Speed mode.
Asserted upon:
1. Detection of USB-IF High Speed test fixture from an unconnected state followed by
transmission of USB TEST_PACKET pattern.
2. Squelch detection following USB reset with a successful HS handshake [HS
handshake is declared to be successful after single chirp J chirp K pair where each chirp
is within 18 μs – 128 μs].
GND
10
P
N/A
Ground
VREG
11
O
N/A
1.8-V LDO output. Only enabled when operating in High Speed mode. Requires 0.1-µF
external capacitor to GND to stabilize the core.
VCC
12
P
N/A
Supply power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com