Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB214 Datasheet(PDF) 5 Page - Texas Instruments

Part # TUSB214
Description  TUSB214 USB 2.0 High Speed Signal Conditioner with BC1.2 CDP
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB214 Datasheet(HTML) 5 Page - Texas Instruments

  TUSB214 Datasheet HTML 1Page - Texas Instruments TUSB214 Datasheet HTML 2Page - Texas Instruments TUSB214 Datasheet HTML 3Page - Texas Instruments TUSB214 Datasheet HTML 4Page - Texas Instruments TUSB214 Datasheet HTML 5Page - Texas Instruments TUSB214 Datasheet HTML 6Page - Texas Instruments TUSB214 Datasheet HTML 7Page - Texas Instruments TUSB214 Datasheet HTML 8Page - Texas Instruments TUSB214 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
5
TUSB214
www.ti.com
SLLSEX7A – AUGUST 2017 – REVISED SEPTEMBER 2017
Product Folder Links: TUSB214
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
6.5 Electrical Characteristics
over operating free-air temperature and voltage range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER
IACTIVE_H
S
High-speed (HS) active curent
USB channel = HS mode; 480 Mbps
traffic; VCC = 3.3V; VCC supply stable;
DC Boost = 60 mV
22
30
mA
IIDLE_HS
High-speed idle current
USB channel = HS mode; no traffic; VCC
= 3.3V; VCC supply stable; DC Boost =
60 mV
14
22
mA
ISUSPEND
_HS
High-speed suspend current
USB channel = HS suspend mode; VCC
= 3.3V; VCC supply stable
0.55
1.5
mA
IFS_LS
Full/Low speed current
USB channel = FS mode or LS mode;
VCC = 3.3V
0.6
1.5
mA
IDISCONN
ECT
Disconnect current
Host side application; No device
attachment; VCC = 3.3V
0.7
1.5
mA
IRSTN
Disable current
RSTN driven low; VCC supply stable; VCC
= 3.3V
13
80
µA
ILKG_FS
Pin fail-safe leakage current for SDA,
SCL, DC_BOOST, DxP/N, RSTN
VCC = 0 V; Pin at 3.6 V
40
µA
RSTN
VIH
High-level input voltage
VCC = 3.0V
2
3.6
V
VIL
Low-level input voltage
VCC = 3.6V
0
0.8
V
IIH
High-level input current
VIH = 3.6 V
-4
4
µA
IIL
Low-level input current
VIL = 0 V
-11
11
µA
EQ
REQ
External pull-down resistor on EQ pin.
AC Boost Level 0
160
Ω
AC Boost Level 1
1.4
2
kΩ
AC Boost Level 2
3.7
3.9
kΩ
AC Boost Level 3
6
kΩ
CD, ENA_HS
VOH
High-level output voltage
IO = -50µA
2.4
V
VOL
Low-level output voltage
IO = 50µA
0.4
V
SCL, SDA
CI2CBUS
I2C Bus capacitance
4
150
pF
VIH
SDA and SCL input high level voltage
VCC = 3.0V
2
3.6
V
VIL
SDA and SCL input low level voltage
VCC = 3.6V
0.8
V
VSDA_OL
SDA low level output voltage
4.7k
Ω pullup to 3.6V; VCC = 3.0V
0.4
V
ISDA_OL
SDA low level output current
VCC = 3.6V
1.1
mA
DC_BOOST
VIH
High-level input voltage
VCC = 3.3V
2.4
3.6
V
VIM
Mid-level input voltage
VCC = 3.3V
1.6
V
VIL
Low-level input voltage
VCC = 3.3V
0
0.4
V
DxP, DxM
CIO_DXX
Capacitance to GND
Measured with LCR meter and device
powered down. 1 MHz sinusoid, 30
mVpp ripple
2.4
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com