Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB321AI Datasheet(PDF) 2 Page - Texas Instruments

Part # TUSB321AI
Description  TUSB321AI USB Type-C Configuration Channel Logic and Port Control with VCONN
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB321AI Datasheet(HTML) 2 Page - Texas Instruments

  TUSB321AI Datasheet HTML 1Page - Texas Instruments TUSB321AI Datasheet HTML 2Page - Texas Instruments TUSB321AI Datasheet HTML 3Page - Texas Instruments TUSB321AI Datasheet HTML 4Page - Texas Instruments TUSB321AI Datasheet HTML 5Page - Texas Instruments TUSB321AI Datasheet HTML 6Page - Texas Instruments TUSB321AI Datasheet HTML 7Page - Texas Instruments TUSB321AI Datasheet HTML 8Page - Texas Instruments TUSB321AI Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
2
TUSB321AI
SLLSER2A – OCTOBER 2015 – REVISED MAY 2017
www.ti.com
Product Folder Links: TUSB321AI
Submit Documentation Feedback
Copyright © 2015–2017, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 4
6.1
Absolute Maximum Ratings ...................................... 4
6.2
ESD Ratings.............................................................. 4
6.3
Recommended Operating Conditions ....................... 4
6.4
Thermal Information .................................................. 4
6.5
Electrical Characteristics........................................... 5
6.6
Switching Characteristics .......................................... 6
7
Detailed Description .............................................. 7
7.1
Overview ................................................................... 7
7.2
Functional Block Diagram ......................................... 8
7.3
Feature Description................................................... 8
7.4
Device Functional Modes........................................ 10
8
Application and Implementation ........................ 12
8.1
Application Information............................................ 12
8.2
Typical Application .................................................. 12
8.3
Initialization Set Up ................................................ 14
9
Power Supply Recommendations ...................... 14
10
Layout................................................................... 14
10.1
Layout Guidelines ................................................. 14
10.2
Layout Example .................................................... 14
11
Device and Documentation Support ................. 15
11.1
Documentation Support ....................................... 15
11.2
Community Resources.......................................... 15
11.3
Trademarks ........................................................... 15
11.4
Electrostatic Discharge Caution ............................ 15
11.5
Glossary ................................................................ 15
12
Mechanical, Packaging, and Orderable
Information ........................................................... 15
4 Revision History
Changes from Original (October 2015) to Revision A
Page
•
Changed RVBUS values From: MIN = 891, TYP = 900, MAX = 909 KΩ To: MIN = 855, TYP = 887, MAX = 920 KΩ ........... 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com