Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB321AI Datasheet(PDF) 10 Page - Texas Instruments

Part # TUSB321AI
Description  TUSB321AI USB Type-C Configuration Channel Logic and Port Control with VCONN
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB321AI Datasheet(HTML) 10 Page - Texas Instruments

Back Button TUSB321AI Datasheet HTML 6Page - Texas Instruments TUSB321AI Datasheet HTML 7Page - Texas Instruments TUSB321AI Datasheet HTML 8Page - Texas Instruments TUSB321AI Datasheet HTML 9Page - Texas Instruments TUSB321AI Datasheet HTML 10Page - Texas Instruments TUSB321AI Datasheet HTML 11Page - Texas Instruments TUSB321AI Datasheet HTML 12Page - Texas Instruments TUSB321AI Datasheet HTML 13Page - Texas Instruments TUSB321AI Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
10
TUSB321AI
SLLSER2A – OCTOBER 2015 – REVISED MAY 2017
www.ti.com
Product Folder Links: TUSB321AI
Submit Documentation Feedback
Copyright © 2015–2017, Texas Instruments Incorporated
Table 2. Type-C Current Advertisement and Detection
TYPE-C CURRENT
UFP or DRP acting as UFP
Current Detection
DFP or DRP acting as DFP
Current Advertisement
Default
500 mA (USB2.0)
900 mA (USB3.1)
OUT1 = High
OUT2 = High (unattached) or Low (attached)
CURRENT_MODE = L
Medium - 1.5 A
OUT1 = Low
OUT2 = High
CURRENT_MODE = M
High - 3 A
OUT1 = Low
OUT2 = Low
CURRENT_MODE = H
(1)
Required; not in sequential order.
7.3.3 VBUS Detection
The TUSB321AI device supports VBUS detection according to the Type-C Specification. VBUS detection is used to
determine the attachment and detachment of a UFP. VBUS detection is also used to successfully resolve the role
in DRP mode.
The system VBUS voltage must be routed through a 900-kΩ resistor to the VBUS_DET pin on the TUSB321AI
device if the PORT pin is configured as a DRP or a UFP. If the TUSB321AI device is configured as a DFP and
only ever used in DFP mode, the VBUS_DET pin can be left unconnected.
7.3.4 Cable Orientation and External MUX Control
The TUSB321AI device has the ability to control an external/discrete MUX using the DIR pin. The TUSB321AI
detects the cable orientation by monitoring the voltage on the CC pins. When a voltage level within the proper
threshold is detected on CC1, the DIR pin is pulled low. When a voltage level within the proper threshold is
detected on CC2, the DIR is pulled high. If the direction polarity of the external MUX is opposite of the
TUSB321AI, the CC1/CC2 connection to USB Type-C receptacle can be reversed. The DIR pin is an open drain
output.
7.3.5 VCONN Support for Active Cables
The TUSB321AI device supplies VCONN to active cables when configured in DFP mode or in DRP acting as a
DFP mode. VCONN is provided only when the unconnected CC pin is terminated to a resistance, Ra, and after a
UFP is detected and the Attached.SRC state is entered. When in DFP mode or in DRP acting as a DFP mode, a
5-V source must be connected to the VDD pin of the TUSB321AI device after Attached.SRC. VCONN is supplied
from VDD through a low resistance power FET out to the unconnected CC pin. VCONN is removed when a
detach event is detected and the active cable is removed.
7.4 Device Functional Modes
The TUSB321AI device has three functional modes. Table 3 lists these modes:
Table 3. USB Type-C States According to TUSB321AI Functional Modes
MODES
GENERAL BEHAVIOR
PORT PIN
STATES(1)
Unattached
USB port unattached. ID, PORT
operational. CC pins configure
according to PORT pin.
UFP
Unattached.SNK
AttachWait.SNK
DRP
Toggle Unattached.SNK
→ Unattached.SRC
AttachedWait.SRC or AttachedWait.SNK
DFP
Unattached.SRC
AttachWait.SRC
Active
USB port attached. All GPIOs
operational.
UFP
Attached.SNK
DRP
Attached.SNK
Attached.SRC
DFP
Attached.SRC
Dead Battery
No operation. VDD not available
N/A
Default device state to UFP/SINK with Rd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com