Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB321 Datasheet(PDF) 4 Page - Texas Instruments

Part # TUSB321
Description  TUSB321 USB Type-C™ Configuration Channel Logic and Port Control with VCONN
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB321 Datasheet(HTML) 4 Page - Texas Instruments

  TUSB321 Datasheet HTML 1Page - Texas Instruments TUSB321 Datasheet HTML 2Page - Texas Instruments TUSB321 Datasheet HTML 3Page - Texas Instruments TUSB321 Datasheet HTML 4Page - Texas Instruments TUSB321 Datasheet HTML 5Page - Texas Instruments TUSB321 Datasheet HTML 6Page - Texas Instruments TUSB321 Datasheet HTML 7Page - Texas Instruments TUSB321 Datasheet HTML 8Page - Texas Instruments TUSB321 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
4
TUSB321
SLLSEO6C – JUNE 2015 – REVISED AUGUST 2018
www.ti.com
Product Folder Links: TUSB321
Submit Documentation Feedback
Copyright © 2015–2018, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Supply voltage
VDD
–0.3
6
V
Control pins
PORT, CURRENT_MODE, ID, DIR, VCONN_FAULT
–0.3
VDD + 0.3
V
CC1, CC2
–0.3
6
OUT1, OUT2
–0.3
VDD + 0.3
VBUS_DET
–0.3
4
Storage temperature, Tstg
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±7000
V
Charged-device model (CDM), per JEDEC specification JESD22-
C101(2)
±1500
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VDD
Supply voltage range
4.5
5.5
V
VBUS
System VBUS voltage
4
5
28
V
VBUS_DET
VBUS_DET threshold voltage on the pin
4
V
VCONN
Supply for active cable (With VDD at 5 V)
4.75
5.5
V
TA
Operating free air temperature range
0
25
70
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and C Package Thermal Metrics application
report.
6.4 Thermal Information
THERMAL METRIC(1)
UNIT
RWB (X2QFN)
12 PINS
RθJA
Junction-to-ambient thermal resistance
169.3
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
68.1
°C/W
RθJB
Junction-to-board thermal resistance
83.4
°C/W
ψJT
Junction-to-top characterization parameter
2.2
°C/W
ψJB
Junction-to-board characterization parameter
83.4
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com