Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB321 Datasheet(PDF) 8 Page - Texas Instruments

Part # TUSB321
Description  TUSB321 USB Type-C™ Configuration Channel Logic and Port Control with VCONN
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB321 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TUSB321 Datasheet HTML 4Page - Texas Instruments TUSB321 Datasheet HTML 5Page - Texas Instruments TUSB321 Datasheet HTML 6Page - Texas Instruments TUSB321 Datasheet HTML 7Page - Texas Instruments TUSB321 Datasheet HTML 8Page - Texas Instruments TUSB321 Datasheet HTML 9Page - Texas Instruments TUSB321 Datasheet HTML 10Page - Texas Instruments TUSB321 Datasheet HTML 11Page - Texas Instruments TUSB321 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
VBUS_DET
Legacy Host
Adapter
CC
RD
5.1 k
±10%
:
TUSB321
RVBUS
CC
To system VBUS detection
RP
56 k
±5%
:
8
TUSB321
SLLSEO6C – JUNE 2015 – REVISED AUGUST 2018
www.ti.com
Product Folder Links: TUSB321
Submit Documentation Feedback
Copyright © 2015–2018, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The USB Type-C ecosystem operates around a small form factor connector and cable that is flippable and
reversible. Because of the nature of the connector, a scheme is needed to determine the connector orientation.
Additional schemes are needed to determine when a USB port is attached and the acting role of the USB port
(DFP, UFP, DRP), as well as to communicate Type-C current capabilities. These schemes are implemented over
the CC pins according to the USB Type-C specifications. The TUSB321 device provides Configuration Channel
(CC) logic for determining USB port attach and detach, role detection, cable orientation, and Type-C current
mode. The TUSB321 device also contains several features such as VCONN sourcing, USB3.1 MUX direction
control, mode configuration and low standby current which make this device ideal for source or sinks in USB2.0
or USB3.1 applications.
7.1.1 Cables, Adapters, and Direct Connect Devices
Type-C Specification 1.1 defines several cables, plugs and receptacles to be used to attach ports. The TUSB321
device supports all cables, receptacles, and plugs. The TUSB321 device does not support e-marking.
7.1.1.1 USB Type-C Receptacles and Plugs
Below is list of Type-C receptacles and plugs supported by the TUSB321 device:
USB Type-C receptacle for USB2.0 and USB3.1 and full-featured platforms and devices
USB full-featured Type-C plug
USB2.0 Type-C plug
7.1.1.2 USB Type-C Cables
Below is a list of Type-C cables types supported by the TUSB321 device:
USB full-featured Type-C cable with USB3.1 full-featured plug
USB2.0 Type-C cable with USB2.0 plug
Captive cable with either a USB full-featured plug or USB2.0 plug
7.1.1.3 Legacy Cables and Adapters
The TUSB321 device supports legacy cable adapters as defined by the Type-C Specification. The cable adapter
must correspond to the mode configuration of the TUSB321 device.
Figure 3. Legacy Adapter Implementation Circuit
7.1.1.4 Direct Connect Devices
The TUSB321 device supports the attaching and detaching of a direct-connect device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com