Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB8041I Datasheet(PDF) 20 Page - Texas Instruments

Part # TUSB8041I
Description  TUSB8041 Four-Port USB 3.0 Hub
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB8041I Datasheet(HTML) 20 Page - Texas Instruments

Back Button TUSB8041I Datasheet HTML 16Page - Texas Instruments TUSB8041I Datasheet HTML 17Page - Texas Instruments TUSB8041I Datasheet HTML 18Page - Texas Instruments TUSB8041I Datasheet HTML 19Page - Texas Instruments TUSB8041I Datasheet HTML 20Page - Texas Instruments TUSB8041I Datasheet HTML 21Page - Texas Instruments TUSB8041I Datasheet HTML 22Page - Texas Instruments TUSB8041I Datasheet HTML 23Page - Texas Instruments TUSB8041I Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 49 page
background image
20
TUSB8041
SLLSEE4E – JUNE 2014 – REVISED JUNE 2016
www.ti.com
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
Table 15. Bit Descriptions – Device Configuration Register (continued)
3
ganged
RW
Ganged. This bit is loaded at the de-assertion of reset with the value of
the GANGED/SMBA2/HS_UP pin.
0 = When fullPwrMgmtz = 0, each port is individually power switched
and enabled by the PWRCTL[4:1]/BATEN[4:1] pins
1 = When fullPwrMgmtz = 0, the power switch control for all ports is
ganged and enabled by the PWRCTL[4:1]/BATEN1 pin
When the TUSB8041 is in I2C mode, the TUSB8041 loads this bit from
the contents of the EEPROM.
When the TUSB8041 is in SMBUS mode, the value may be over-written
by an SMBus host.
2
fullPwrMgmtz
RW
Full Power Management. This bit is loaded at the de-assertion of reset
with the value of the FULLPWRMGMTz/SMBA1/SS_UP pin.
0 = Port power switching status reporting is enabled
1 = Port power switching status reporting is disabled
When the TUSB8041 is in I2C mode, the TUSB8041 loads this bit from
the contents of the EEPROM.
When the TUSB8041 is in SMBUS mode, the value may be over-written
by an SMBus host.
1
RSVD
RW
Reserved. This field is reserved and should not be altered from the
default.
0
RSVD
RO
Reserved. This field is reserved and returns 0 when read.
8.5.8 Battery Charging Support Register
Table 16. Register Offset 6h
Bit No.
7
6
5
4
3
2
1
0
Reset State
0
0
0
0
X
X
X
X
Table 17. Bit Descriptions – Battery Charging Support Register
Bit
Field Name
Access
Description
7:4
RSVD
RO
Reserved. Read only, returns 0 when read.
3:0
batEn[3:0]
RW
Battery Charger Support. The bits in this field indicate whether the
downstream port implements the charging port features.
0 = The port is not enabled for battery charging support features
1 = The port is enabled for battery charging support features
Each bit corresponds directly to a downstream port, i.e. batEn0
corresponds to downstream port 1, and batEN1 corresponds to
downstream port 2.
The default value for these bits are loaded at the de-assertion of reset
with the value of PWRCTL/BATEN[3:0].
When in I2C/SMBus mode the bits in this field may be over-written by
EEPROM contents or by an SMBus host.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com