Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB8041I Datasheet(PDF) 28 Page - Texas Instruments

Part # TUSB8041I
Description  TUSB8041 Four-Port USB 3.0 Hub
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB8041I Datasheet(HTML) 28 Page - Texas Instruments

Back Button TUSB8041I Datasheet HTML 24Page - Texas Instruments TUSB8041I Datasheet HTML 25Page - Texas Instruments TUSB8041I Datasheet HTML 26Page - Texas Instruments TUSB8041I Datasheet HTML 27Page - Texas Instruments TUSB8041I Datasheet HTML 28Page - Texas Instruments TUSB8041I Datasheet HTML 29Page - Texas Instruments TUSB8041I Datasheet HTML 30Page - Texas Instruments TUSB8041I Datasheet HTML 31Page - Texas Instruments TUSB8041I Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 49 page
background image
28
TUSB8041
SLLSEE4E – JUNE 2014 – REVISED JUNE 2016
www.ti.com
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
8.5.23 Device Status and Command Register
Table 46. Register Offset F8h
Bit No.
7
6
5
4
3
2
1
0
Reset State
0
0
0
0
0
0
0
0
Table 47. Bit Descriptions – Device Status and Command Register
Bit
Field Name
Access
Description
7:2
RSVD
RO
Reserved. Read only, returns 0 when read.
1
smbusRst
RSU
SMBus interface reset. This bit loads the registers back to their GRSTz
values.
This bit is set by writing a 1 and is cleared by hardware on completion of
the reset. A write of 0 has no effect.
0
cfgActive
RCU
Configuration active. This bit indicates that configuration of the
TUSB8041 is currently active. The bit is set by hardware when the
device enters the I2C or SMBus mode. The TUSB8041 shall not connect
on the upstream port while this bit is 1.
When in the SMBus mode, this bit must be cleared by the SMBus host in
order to exit the configuration mode and allow the upstream port to
connect.
The bit is cleared by a writing 1. A write of 0 has no effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com