Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB522PRGER Datasheet(PDF) 9 Page - Texas Instruments

Part # TUSB522PRGER
Description  TUSB522P 3.3 V Dual-Channel USB 3.1 GEN 1 Redriver, Equalizer
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB522PRGER Datasheet(HTML) 9 Page - Texas Instruments

Back Button TUSB522PRGER Datasheet HTML 5Page - Texas Instruments TUSB522PRGER Datasheet HTML 6Page - Texas Instruments TUSB522PRGER Datasheet HTML 7Page - Texas Instruments TUSB522PRGER Datasheet HTML 8Page - Texas Instruments TUSB522PRGER Datasheet HTML 9Page - Texas Instruments TUSB522PRGER Datasheet HTML 10Page - Texas Instruments TUSB522PRGER Datasheet HTML 11Page - Texas Instruments TUSB522PRGER Datasheet HTML 12Page - Texas Instruments TUSB522PRGER Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
7 Detailed Description
7.1 Overview
The TUSB522P is designed to overcome channel loss due to inter-symbol interference and crosstalk when
5Gbps USB3.1 GEN1 signals travel across a PCB or cable. The dual channel architecture is a one-chip,
low-power solution, extending the possible channel length for transmit and receive data paths in an application.
For a Host application, this enables the system to pass both transmitter compliance and receiver jitter tolerance
tests.
The re-driver recovers incoming data by applying equalization that compensates for channel loss, and drives
out signals with a high differential voltage. Each channel has a receiver equalizer with selectable gain settings.
The equalization should be set based on the amount of insertion loss in channel 1 or 2 before the TUSB522P
receivers. Likewise, the output drivers support configuration of De-Emphasis. Independent equalization and
de-emphasis control for each channel can be set using EQ1/2 and DE1/2 pins.
The TUSB522P advanced state machine makes it transparent to hosts and devices. After power up, the
TUSB522P periodically performs receiver detection on the TX pairs. If it detects a USB3.1 GEN1 receiver,
the RX termination is enabled, and the TUSB522P is ready to re-drive.
The device ultra-low-power architecture operates at a 3.3-V power supply and achieves Enhanced performance.
The automatic LFPS De-Emphasis control further enables the system to be USB3.1 compliant.
7.2 Functional Block Diagram
RX1+
RX1-
1
TX1+
TX1-
CHANNEL 1
EQ1
DE1
Driver
OS1
Receiver/
Equalizer
RX2+
RX2-
TX2+
TX2-
CHANNEL 2
EQ2
DE2
Driver
OS2
Receiver/
Equalizer
4th Generation
State Machine
LFPS
Controller
VCC
GND
www.ti.com
TUSB522P
SLLSEV9E – JULY 2016 – REVISED NOVEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: TUSB522P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com