Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB522PRGER Datasheet(PDF) 1 Page - Texas Instruments

Part # TUSB522PRGER
Description  TUSB522P 3.3 V Dual-Channel USB 3.1 GEN 1 Redriver, Equalizer
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB522PRGER Datasheet(HTML) 1 Page - Texas Instruments

  TUSB522PRGER Datasheet HTML 1Page - Texas Instruments TUSB522PRGER Datasheet HTML 2Page - Texas Instruments TUSB522PRGER Datasheet HTML 3Page - Texas Instruments TUSB522PRGER Datasheet HTML 4Page - Texas Instruments TUSB522PRGER Datasheet HTML 5Page - Texas Instruments TUSB522PRGER Datasheet HTML 6Page - Texas Instruments TUSB522PRGER Datasheet HTML 7Page - Texas Instruments TUSB522PRGER Datasheet HTML 8Page - Texas Instruments TUSB522PRGER Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
TUSB522P 3.3 V Dual-Channel USB 3.1 GEN 1 Redriver, Equalizer
1 Features
• USB3.1 GEN1 5Gbps, dual-channel re-driver with
3.3-V power supply
• Ultra-low-power architecture:
– Active: 98 mA
– U2, U3: 1.2 mA
– Disconnect 265 µA
– Shutdown 60 µA
• Optimal receiver equalization:
– of 3, 6, 9 dB at 2.5 GHz
• Output driver de-emphasis of 0, 3.5, and 6 dB
• Automatic LFPS de-emphasis control to meet USB
3.1 certification requirements
• No host or device-side requirement
• Hot-plug capable
• Industrial temperature range: –40°C to 85°C
TUSB522PI
• Commercial temperature range: 0°C to 70°C
TUSB522P
2 Applications
• Cell phones
• Tablets
• Notebooks
• Desktops
• Docking stations
• Backplanes and active cables
3 Description
The TUSB522P is a fourth generation, dual-channel,
single-lane USB 3.1 GEN1 redriver and signal
conditioner supporting 5Gbps. The device offers low
power consumption on a 3.3 V supply with its ultra-
low-power architecture. The redriver also supports the
USB 3.1 low power modes, which further reduces idle
power consumption.
The dual-channel capability enables the system
to maintain signal integrity on both transmit and
receive data paths. The receiver equalization has
three gain settings to overcome channel degradation
from insertion loss and inter-symbol interference.
These settings are controlled from the EQ pins.
To compensate for transmission line losses, the
output driver supports configuration of De-Emphasis
with pins DE. Additionally, automatic LFPS De-
Emphasis control allows for full USB 3.1 compliance.
These settings allow optimal performance, increased
signaling distance, and flexibility in placement of the
TUSB522P in the USB 3.1 GEN1 path.
Device Information
PART NUMBER
TEMPERATURE
PACKAGE(1)
TUSB522P
TA = 0°C to 70°C
RGE (VQFN, 24)
TUSB522PI
TA = -40°C to 85°C
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
20"
Redriver
USB Host
USB
Connector
20"
1"-6"
Main PCB
Main PCB
Redriver
USB Host
Device
Device PCB
Connector
3m USB
3.0 Cable
Receiver/
Equalizer
Driver
EQ
CNTRL
LFPS
CONTROLLER
DEMP
CNTRL
Driver
Receiver/
Equalizer
Detect
OS
Cntrl.
Detect
EN_RXD
CHANNEL 1
CHANNEL 2
RX1P
RX1N
EQ1
EQ2
DE1
DE2
TX1P
TX1N
RX2P
RX2N
TX2N
TX2N
OS1
OS2
Copyright © 2016, Texas Instruments Incorporated
Simplified Schematic
TUSB522P
SLLSEV9E – JULY 2016 – REVISED NOVEMBER 2023
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TUSB522PRGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB522PRGER TI1-TUSB522PRGER Datasheet
1Mb / 21P
3.3 V Dual-Channel USB 3.1 GEN 1 Redriver, Equalizer
More results

Similar Description - TUSB522PRGER

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14972 MAXIM-MAX14972 Datasheet
1Mb / 12P
Dual SuperSpeed USB 3.0 Equalizer/Redriver
Rev 1; 3/12
logo
Texas Instruments
SN65LVPE502 TI1-SN65LVPE502_12 Datasheet
1Mb / 28P
Dual Channel USB3.0 Redriver/Equalizer
SN65LVPE502CP TI1-SN65LVPE502CP_12 Datasheet
3Mb / 29P
Dual Channel USB3.0 Redriver/Equalizer
SN65LVPE512 TI1-SN65LVPE512 Datasheet
7Mb / 32P
Dual-Channel USB 3.0 Redriver, Equalizer
TUSB522P TI1-TUSB522P Datasheet
1Mb / 21P
3.3 V Dual-Channel USB 3.1 GEN 1 Redriver, Equalizer
SN65LVPE502A TI1-SN65LVPE502A_17 Datasheet
6Mb / 36P
Dual-Channel USB 3.0 Redriver and Equalizer
logo
ON Semiconductor
NB7NPQ1004M ONSEMI-NB7NPQ1004M Datasheet
197Kb / 11P
3.3V USB 3.1 Gen-2 10Gbps Quad Channel Dual Port Linear Redriver
June, 2018 ??Rev. 0
NB7NPQ7021M ONSEMI-NB7NPQ7021M Datasheet
109Kb / 9P
3.3V USB 3.1 Dual Channel Linear Redriver
December, 2017 ??Rev. 1
logo
Transcend Information. ...
JF790 TRANSCEND-JF790 Datasheet
757Kb / 2P
USB 3.1 Gen 1
logo
ON Semiconductor
NB7NPQ1204EM ONSEMI-NB7NPQ1204EM Datasheet
290Kb / 12P
3.3 V USB 3.1 Gen-2 10Gbps Quad Channel Dual Port Linear Redriver
September, 2022 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com