Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB8042AI Datasheet(PDF) 41 Page - Texas Instruments

Part # TUSB8042AI
Description  TUSB8042A Four-Port USB 3.2 x1 Gen1 Hub
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB8042AI Datasheet(HTML) 41 Page - Texas Instruments

Back Button TUSB8042AI Datasheet HTML 37Page - Texas Instruments TUSB8042AI Datasheet HTML 38Page - Texas Instruments TUSB8042AI Datasheet HTML 39Page - Texas Instruments TUSB8042AI Datasheet HTML 40Page - Texas Instruments TUSB8042AI Datasheet HTML 41Page - Texas Instruments TUSB8042AI Datasheet HTML 42Page - Texas Instruments TUSB8042AI Datasheet HTML 43Page - Texas Instruments TUSB8042AI Datasheet HTML 44Page - Texas Instruments TUSB8042AI Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 64 page
background image
9.2.1.1 Design Requirements
Table 9-1. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
VDD Supply
1.1V
VDD33 Supply
3.3V
Upstream Port USB Support (SS, HS, FS)
SS, HS, FS
Downstream Port 1 USB Support (SS, HS, FS, LS)
SS, HS, FS, LS
Downstream Port 2 USB Support (SS, HS, FS, LS)
SS, HS, FS, LS
Downstream Port 3 USB Support (SS, HS, FS, LS)
SS, HS, FS, LS
Downstream Port 4 USB Support (SS, HS, FS, LS)
SS, HS, FS, LS
Number of Removable external exposed Downstream Ports
4
Number of Non-Removable external exposed Downstream Ports
0
Full Power Management of Downstream Ports
Yes. (FULLPWRMGMTZ = 0)
Individual Control of Downstream Port Power Switch
Yes. (GANGED = 0)
Power Switch Enable Polarity
Active High. (PWRCTL_POL = 1)
Battery Charge Support for Downstream Port 1
Yes
Battery Charge Support for Downstream Port 2
Yes
Battery Charge Support for Downstream Port 3
Yes
Battery Charge Support for Downstream Port 4
Yes
I2C EEPROM Support
No
24MHz Clock Source
Crystal
9.2.1.2 Detailed Design Procedure
9.2.1.2.1 Upstream Port Implementation
The upstream of the TUSB8042A is connected to a USB3 Type-B connector. This particular example has
GANGED pin and FULLPWRMGMTZ pin pulled low which results in individual power support each downstream
port. The VBUS signal from the USB3 Type-B connector is feed through a voltage divider. The purpose of the
voltage divider is to make sure the level meets USB_VBUS input requirements
USB_SSTXP_UP
USB_SSTXM_UP
VBUS
CAP_UP_TXM
CAP_UP_TXP
USB_SSRXP_UP
USB_SSRXM_UP
USB_DP_UP
USB_DM_UP
TUSB8042A
U1A
USB_VBUS
48
USB_DP_UP
53
USB_DM_UP
54
USB_SSTXP_UP
55
USB_SSTXM_UP
56
USB_SSRXP_UP
58
USB_SSRXM_UP
59
FULLPWRMGMTZ/SMBA1/SS_UP
40
GANGED/SMBA2/HS_UP
42
C1
10uF
C3
0.1uF 0201
C4
0.1uF
R3
4.7K
0402
5%
J1
USB3_TYPEB_CONNECTOR
VBUS
1
DM
2
DP
3
GND
4
SSTXN
5
SSTXP
6
GND
7
SSRXN
8
SSRXP
9
SHIELD0
10
SHIELD1
11
R5
1M
0402
5%
R4
4.7K
0402
5%
C5
0.001uF
R2
10K 1%
0402
1%
R1
90.9K
0402
1%
C2
0.1uF 0201
Figure 9-2. Upstream Port Implementation
www.ti.com
TUSB8042A
SLLSF93A – JUNE 2019 – REVISED JANUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
41
Product Folder Links: TUSB8042A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com