Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB8042AI Datasheet(PDF) 53 Page - Texas Instruments

Part # TUSB8042AI
Description  TUSB8042A Four-Port USB 3.2 x1 Gen1 Hub
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB8042AI Datasheet(HTML) 53 Page - Texas Instruments

Back Button TUSB8042AI Datasheet HTML 49Page - Texas Instruments TUSB8042AI Datasheet HTML 50Page - Texas Instruments TUSB8042AI Datasheet HTML 51Page - Texas Instruments TUSB8042AI Datasheet HTML 52Page - Texas Instruments TUSB8042AI Datasheet HTML 53Page - Texas Instruments TUSB8042AI Datasheet HTML 54Page - Texas Instruments TUSB8042AI Datasheet HTML 55Page - Texas Instruments TUSB8042AI Datasheet HTML 56Page - Texas Instruments TUSB8042AI Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 64 page
background image
www.ti.com
PACKAGE OUTLINE
C
SEE DETAIL
64X
0.30
0.18
6 0.05
64X
0.5
0.3
1 MAX
(0.2) TYP
0.05
0.00
60X 0.5
2X
7.5
2X 7.5
A
9.1
8.9
B
9.1
8.9
(0.1) TYP
VQFN - 1 mm max height
RGC0064G
PLASTIC QUAD FLATPACK - NO LEAD
4222053/B 06/2015
PIN 1 INDEX AREA
0.08
SEATING PLANE
1
16
33
48
17
32
64
49
(OPTIONAL)
PIN 1 ID
0.1
C A
B
0.05
EXPOSED
THERMAL PAD
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. The package thermal pad must be soldered to the printed circuit board for thermal and mechanical performance.
SCALE 1.500
SCALE 8.000
LEADFRAME PROFILE
OPTION
www.ti.com
TUSB8042A
SLLSF93A – JUNE 2019 – REVISED JANUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
53
Product Folder Links: TUSB8042A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com