Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB9261 Datasheet(PDF) 2 Page - Texas Instruments

Part # TUSB9261
Description  TUSB9261 USB 3.0 to SATA Bridge
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB9261 Datasheet(HTML) 2 Page - Texas Instruments

  TUSB9261 Datasheet HTML 1Page - Texas Instruments TUSB9261 Datasheet HTML 2Page - Texas Instruments TUSB9261 Datasheet HTML 3Page - Texas Instruments TUSB9261 Datasheet HTML 4Page - Texas Instruments TUSB9261 Datasheet HTML 5Page - Texas Instruments TUSB9261 Datasheet HTML 6Page - Texas Instruments TUSB9261 Datasheet HTML 7Page - Texas Instruments TUSB9261 Datasheet HTML 8Page - Texas Instruments TUSB9261 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
2
TUSB9261
SLLSE67I – MARCH 2011 – REVISED MARCH 2016
www.ti.com
Product Folder Links: TUSB9261
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 7
6.1
Absolute Maximum Ratings ...................................... 7
6.2
ESD Ratings.............................................................. 7
6.3
Recommended Operating Conditions ....................... 7
6.4
Thermal Information .................................................. 7
6.5
DC Electrical Characteristics for 3.3-V Digital I/O..... 8
6.6
SuperSpeed USB Power Consumption .................... 8
6.7
High-Speed USB Power Consumption ..................... 8
6.8
Oscillator Specification.............................................. 9
6.9
Crystal Specification.................................................. 9
7
Detailed Description ............................................ 10
7.1
Overview ................................................................. 10
7.2
Functional Block Diagram ....................................... 10
7.3
Feature Description................................................. 10
7.4
Device Functional Modes........................................ 13
8
Application and Implementation ........................ 15
8.1
Application Information............................................ 15
8.2
Typical Application .................................................. 15
9
Power Supply Recommendations ...................... 19
9.1
Digital Supplies 1.1-V and 3.3-V ............................. 19
9.2
Analog Supplies 1.1-V and 3.3-V ........................... 19
10
Layout................................................................... 19
10.1
Layout Guidelines ................................................. 19
10.2
Layout Examples................................................... 20
11
Device and Documentation Support ................. 22
11.1
Community Resources.......................................... 22
11.2
Trademarks ........................................................... 22
11.3
Electrostatic Discharge Caution ............................ 22
11.4
Glossary ................................................................ 22
12
Mechanical, Packaging, and Orderable
Information ........................................................... 22
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision H (July 2015) to Revision I
Page
•
Changed the CDM value in the ESD Ratings table From: 5000 To: ±1500 .......................................................................... 7
Changes from Revision G (October 2014) to Revision H
Page
•
Moved Tstg from Handling Ratings table to Absolute Maximum Ratings and renamed Handling Ratings to ESD Ratings ... 7
•
Updated the frequency for the USB2 and USB3 to 5 Hz and 10 Hz, respectively ............................................................. 16
Changes from Revision F (March 2014) to Revision G
Page
•
Updated supported frequency to 40 MHz .............................................................................................................................. 1
•
Updated supported frequency in Clock and Reset Signals table .......................................................................................... 4
•
Updated the frequency for the clock to 40 MHz .................................................................................................................... 9
•
Updated the frequency for the crystal to 40 MHz .................................................................................................................. 9
•
Updated oscillation frequency and ESR equivalent series resistance .................................................................................. 9
•
Updated Table 1 ................................................................................................................................................................... 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com