Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB9261 Datasheet(PDF) 13 Page - Texas Instruments

Part # TUSB9261
Description  TUSB9261 USB 3.0 to SATA Bridge
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB9261 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TUSB9261 Datasheet HTML 9Page - Texas Instruments TUSB9261 Datasheet HTML 10Page - Texas Instruments TUSB9261 Datasheet HTML 11Page - Texas Instruments TUSB9261 Datasheet HTML 12Page - Texas Instruments TUSB9261 Datasheet HTML 13Page - Texas Instruments TUSB9261 Datasheet HTML 14Page - Texas Instruments TUSB9261 Datasheet HTML 15Page - Texas Instruments TUSB9261 Datasheet HTML 16Page - Texas Instruments TUSB9261 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
XI
VSSOSC
XO
CL1
CL2
Crystal
13
TUSB9261
www.ti.com
SLLSE67I – MARCH 2011 – REVISED MARCH 2016
Product Folder Links: TUSB9261
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
7.3.2 Clock Connections
7.3.2.1 Clock Source Requirements
The TUSB9261 supports an external oscillator source or a crystal unit. If a clock is provided to XI instead of a
crystal, XO is left open and VSSOSC should be connected to the PCB ground plane. Otherwise, if a crystal is
used, the connection needs to follow these guidelines.
Because XI and XO are coupled to other leads and supplies on the PCB, it is important to keep them as short as
possible and away from any switching leads. TI also recommends to minimize the capacitance between XI and
XO. This can be accomplished by connecting the VSSOSC lead to the two external capacitors CL1 and CL2 and
shielding them with the clean ground lines. The VSSOSC should not be connected to PCB ground when using a
crystal.
Load capacitance (Cload) of the crystal (varies with the crystal vendor) is the total capacitance value of the entire
oscillation circuit system as seen from the crystal. It includes two external capacitors, CL1 and CL2, in Figure 1.
The trace length between the decoupling capacitors and the corresponding power pins on the TUSB9261 must
be minimized. TI also recommends that the trace length from the capacitor pad to the power or ground plane be
minimized.
Figure 1. Typical Crystal Connections
7.3.2.2 Clock Source Selection Guide
Reference clock jitter is an important parameter. Jitter on the reference clock degrades both the transmit eye and
receiver jitter tolerance no matter how clean the rest of the PLL is, thereby impairing system performance.
Additionally, a particularly jittery reference clock may interfere with the PLL lock detection mechanism, forcing the
lock detector to issue an Unlock signal. A good-quality, low-jitter reference clock is required to achieve
compliance with supported USB3.0 standards. For example, USB3.0 specification requires the random jitter (RJ)
component of either RX or TX to be 2.42 ps (random phase jitter calculated after applying jitter transfer function
(JTF)). As the PLL typically has a number of additional jitter components, the reference clock jitter must be
considerably below the overall jitter budget.
7.4 Device Functional Modes
7.4.1 VBUS Power
Power can be supplied by a USB cable on the terminal VBUS. When using power from VBUS, both the
TUSB9261 and the SATA device are allowed to draw only up to 500 mA from VBUS when operating.
7.4.2 External Power
Power can be supplied from an external power source. When using an external power source, both the
TUSB9261 and the SATA interface can draw all their current from the external supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com