Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCC4555B Datasheet(PDF) 1 Page - STMicroelectronics

Part # HCC4555B
Description  DUAL BINARY TO 1 OF 4 DECODER/DEMULTIPLEXERS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCC4555B Datasheet(HTML) 1 Page - STMicroelectronics

  HCC4555B Datasheet HTML 1Page - STMicroelectronics HCC4555B Datasheet HTML 2Page - STMicroelectronics HCC4555B Datasheet HTML 3Page - STMicroelectronics HCC4555B Datasheet HTML 4Page - STMicroelectronics HCC4555B Datasheet HTML 5Page - STMicroelectronics HCC4555B Datasheet HTML 6Page - STMicroelectronics HCC4555B Datasheet HTML 7Page - STMicroelectronics HCC4555B Datasheet HTML 8Page - STMicroelectronics HCC4555B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
HCC/HCF4555B
HCC/HCF4556B
DUAL BINARY TO 1 OF 4 DECODER/DEMULTIPLEXERS
DESCRIPTION
.
EXPANDABLE WITH MULTIPLE PACKAGES
.
STANDARD, SYMMETRICAL OUTPUT CHAR-
ACTERISTICS
.
QUIESCENT CURRENT SPECIFIED TO 20V
FOR HCC DEVICE
.
5V, 10V, AND 15V PARAMETRIC RATINGS
.
INPUT CURRENT OF 100nA AT 18V AND 25
°C
FOR HCC DEVICE
.
100% TESTED FOR QUIESCENT CURRENT
.
MEETS ALL REQUIREMENTS OF JEDEC TEN-
TATIVE STANDARD N
o. 13A, ”STANDARD
SPECIFICATIONS FOR DESCRIPTION OF ”B”
SERIES CMOS DEVICES”
June 1989
The HCC4555B, HCC4556B (extended tempera-
ture range) and the HCF4555B, HCF4556B (inter-
mediate
temperature
range)
are
monolithic
integrated circuits available in 16-lead dual in-line
plastic or ceramic package and plastic micropack-
age.
The HCC/HCF4555B and HCC/HCF4556B are
dual one-of-four decoders/demultiplexers. Each
decoder has two select inputs (A and B), an Enable
input (E), and four mutually exclusive outputs. On
the HCC/HCF4555B the outputs are high on select ;
on the HCC/HCF4556B the outputs are low on se-
lect. When the Enable input is high, the outputs of
the HCC/HCF4555B remain low and the outputs of
the HCC/HCF4556B remain high regardless of the
state of the select inputs A and B.
EY
(Plastic Package)
F
(Ceramic Frit Seal Package)
M1
(Micro Package)
ORDER CODES :
HCC45XXBF
HCF45XXBM1
HCF45XXBEY
HCF45XXBC1
PIN CONNECTIONS
4555B OUTPUTS HIGH ON SELECT
4556B OUTPUTS LOW ON SELECT
4555B
4556B
C1
(Plastic Chip Carrier)
1/14


Similar Part No. - HCC4555B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4555B STMICROELECTRONICS-HCC4555B Datasheet
141Kb / 13P
RadHardened high voltage complementary MOS logic series
18-Oct-2006
HCC4555BD STMICROELECTRONICS-HCC4555BD Datasheet
303Kb / 24P
Rad-hard high voltage CMOS logic series
10-Aug-2011
HCC4555BK STMICROELECTRONICS-HCC4555BK Datasheet
303Kb / 24P
Rad-hard high voltage CMOS logic series
10-Aug-2011
More results

Similar Description - HCC4555B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC14555B MOTOROLA-MC14555B Datasheet
164Kb / 5P
Dual Binary to 1-of-4 Decoder/Demultiplexer
logo
ON Semiconductor
MC10171 ONSEMI-MC10171 Datasheet
110Kb / 5P
Dual Binary to 1-4 Decoder(Low)
1996 REV 5
MC14555B ONSEMI-MC14555B Datasheet
142Kb / 8P
Dual Binary to 1-of-4 Decoder/Demultiplexer
March, 2000 ??Rev. 3
logo
Texas Instruments
CD4555B TI-CD4555B Datasheet
267Kb / 13P
CMOS DUAL BINARY TO 1 OF 4 DECODER/DEMULTIPLEXERS
logo
Hitachi Semiconductor
HD14555B HITACHI-HD14555B Datasheet
63Kb / 4P
Dual Binary to 1-of-4 Decoder/Demultiplexer
logo
Intersil Corporation
CD4555BMS INTERSIL-CD4555BMS Datasheet
96Kb / 11P
CMOS Dual Binary to 1 of 4 Decoder/Demultiplexers
December 1992
logo
Texas Instruments
CD4555BPWRG4 TI1-CD4555BPWRG4 Datasheet
1Mb / 19P
CMOS Dual Binary to 1 of 4 Decoder/Demultiplexers
CD4555B TI1-CD4555B_15 Datasheet
1Mb / 18P
Cmos Dual Binary to 1 of 4 Decoder/Demultiplexers
logo
ON Semiconductor
MC14555B ONSEMI-MC14555B_14 Datasheet
110Kb / 6P
Dual Binary to 1-of-4 Decoder/Demultiplexer
July, 2014 ??Rev. 11
logo
Renesas Technology Corp
CD4555BMS RENESAS-CD4555BMS Datasheet
412Kb / 11P
CMOS Dual Binary to 1 of 4Decoder/Demultiplexers
December 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com