Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T110C105K050AS Datasheet(PDF) 2 Page - Kemet Corporation

Part # T110C105K050AS
Description  T110 Axial MIL–PRF–39003 Polar Type and T212 (CSR13 Style)
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T110C105K050AS Datasheet(HTML) 2 Page - Kemet Corporation

  T110C105K050AS Datasheet HTML 1Page - Kemet Corporation T110C105K050AS Datasheet HTML 2Page - Kemet Corporation T110C105K050AS Datasheet HTML 3Page - Kemet Corporation T110C105K050AS Datasheet HTML 4Page - Kemet Corporation T110C105K050AS Datasheet HTML 5Page - Kemet Corporation T110C105K050AS Datasheet HTML 6Page - Kemet Corporation T110C105K050AS Datasheet HTML 7Page - Kemet Corporation T110C105K050AS Datasheet HTML 8Page - Kemet Corporation T110C105K050AS Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
© KEMET Electronics Corporation • KEMET Tower • One East Broward Boulevard
T2031_T110_AXIAL_T212 • 2/24/2020
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
2
Tantalum Through-Hole Capacitors – Hermetically Sealed
T110 Axial MIL–PRF–39003 Polar Type and T212 (CSR13 Style)
Ordering Information – T110
T
110
A
105
K
050
A
T
7200
Capacitor
Class
Series
Case
Size
Capacitance Code
(pF)
Capacitance
Tolerance
Rated Voltage
(VDC)
Failure Rate/Military
Product Only
Termination
Finish
Specification
T =
Tantalum
Hermetically
sealed axial
capacitor
A
B
C
D
First two digits
represent
significant figures.
Third digit specifies
number of zeros.
J = ±5%
K = ±10%
M = ±20%
006 = 6
010 = 10
015 = 15
020 = 20
035 = 35
050 = 50
060 = 60
075 = 75
100 = 100
125 = 125
A = N/A
T = 100% Tin
S = Standard
(Sn/Pb)
Blank = Sleeved/ Bulk
0100 = Without sleeve
7200 = Tape & Reel
7293 & 7443 = Ammo
All capacitors are sleeved
unless specified.
Ordering Information – T212 (CSR13 Style)
MIL product
T
212
A
105
K
050
B
S
7200
Capacitor
Class
Series
Case
Size
Capacitance Code
(pF)
Capacitance
Tolerance
Rated Voltage
(VDC)
Failure Rate/Military
Product Only
Termination
Finish
Specification
T =
Tantalum
Hermetically
sealed axial
military
grade
capacitor
A
B
C
D
First two digits
represent
significant figures.
Third digit specifies
number of zeros.
J = ±5%
K = ±10%
M = ±20%
006 = 6
010 = 10
015 = 15
020 = 20
035 = 35
050 = 50
075 = 75
100 = 100
Graded:
B = 0.1%/k hours
C = 0.01%/k hours
D = 0.001%/k hours
G= 1.0 %/k hours
Exponential:
M = 1%/k hours
P = 0.1%/k hours
R = 0.01%/k hours
S = 0.001%/k hours
S =
Standard
(Sn/Pb)
All capacitors are sleeved
unless specified.
0100 = Without sleeve
7200 = Tape & Reel
7293 & 7443 = Ammo
4250 = "A" surge current
4251 = "B" surge current
4252 = "C" surge current
Ordering Information – MIL–PRF–39003
M39003
/01
6003
A
Capacitor Class
Slash
Dash Number
Surge Option
Military
specification
number
Specification
sheet number
Failure rate
level
A = C-4250
B = C-4251
C = C-4252
Blank = No surge
Orders should be entered by the military specification number, including the dash number and surge option letter (A, B or C).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com