Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T110C105K050AS Datasheet(PDF) 21 Page - Kemet Corporation

Part # T110C105K050AS
Description  T110 Axial MIL–PRF–39003 Polar Type and T212 (CSR13 Style)
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T110C105K050AS Datasheet(HTML) 21 Page - Kemet Corporation

Back Button T110C105K050AS Datasheet HTML 17Page - Kemet Corporation T110C105K050AS Datasheet HTML 18Page - Kemet Corporation T110C105K050AS Datasheet HTML 19Page - Kemet Corporation T110C105K050AS Datasheet HTML 20Page - Kemet Corporation T110C105K050AS Datasheet HTML 21Page - Kemet Corporation T110C105K050AS Datasheet HTML 22Page - Kemet Corporation T110C105K050AS Datasheet HTML 23Page - Kemet Corporation T110C105K050AS Datasheet HTML 24Page - Kemet Corporation T110C105K050AS Datasheet HTML 25Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
© KEMET Electronics Corporation • KEMET Tower • One East Broward Boulevard
T2031_T110_AXIAL_T212 • 2/24/2020
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
21
Tantalum Through-Hole Capacitors – Hermetically Sealed
T110 Axial MIL–PRF–39003 Polar Type and T212 (CSR13 Style)
Optimum Solder Wave Profile
0
25
50
75
100
125
150
175
200
225
250
1
2
3
Time (Minutes)
4
5
6
Flux Zone
Preheat Zone
Entrance to Solder Wave
Exit from Solder Wave
Hot Air Debridging
Exit from
Solder
Machine
(Time in Wave – 2 to 4 Seconds)
Solder Wave Peak
Temperature 260ºC
Entrance
to Solder
Machine
80ºC
to 120ºC
Bottom Side
Temperature
Range
Top Side
Nominal
150ºC
Maximum
Free
Air
Cool
Entrance to
In-Line Cleaner
Exit from
In-Line Cleaner
(time in cleaner
may be less)
Immersion in
Cleaning
Vapor
Reverse Voltage
Although these are polar capacitors, some degree of transient voltage reversal is permissible, as seen below.
The capacitors should not be operated continuously in reverse mode, even within these limits.
Temperature
Pecentage of Rated Voltage
+25°C
15
+85°C
5
+125°C
1
Mounting
All encased capacitors will pass the Resistance to Soldering Heat Test of MIL–STD–202, Method 210, Condition C. This test
simulates wave solder of topside board mount product. This demonstration of resistance to solder heat is in accordance
with what is believed to be the industry standard. More severe treatment must be considered reflective of an improper
soldering process. The above figure is a recommended solder wave profile for both axial and radial leaded solid tantalum
capacitors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com