Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPQ2167GD-Z Datasheet(PDF) 21 Page - Monolithic Power Systems

Part # MPQ2167GD-Z
Description  6V, 4A, Frequency Programmable Buck Converter AEC-Q100 Qualified
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ2167GD-Z Datasheet(HTML) 21 Page - Monolithic Power Systems

Back Button MPQ2167GD-Z Datasheet HTML 16Page - Monolithic Power Systems MPQ2167GD-Z Datasheet HTML 17Page - Monolithic Power Systems MPQ2167GD-Z Datasheet HTML 18Page - Monolithic Power Systems MPQ2167GD-Z Datasheet HTML 19Page - Monolithic Power Systems MPQ2167GD-Z Datasheet HTML 20Page - Monolithic Power Systems MPQ2167GD-Z Datasheet HTML 21Page - Monolithic Power Systems MPQ2167GD-Z Datasheet HTML 22Page - Monolithic Power Systems MPQ2167GD-Z Datasheet HTML 23Page - Monolithic Power Systems MPQ2167GD-Z Datasheet HTML 24Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
MPQ2167 – 6V, 4A, FREQUENCY PROGRAMMABLE, BUCK CONVERTER, AEC-Q100 QUALIFIED
MPQ2167 Rev. 1.0
www.MonolithicPower.com
21
3/21/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
Since the input capacitor absorbs the input
switching current, it requires an adequate ripple
current rating, which should be greater than the
converter’s maximum input ripple current. The
input ripple current can be estimated with
equation (5):

 
OUT
OUT
CIN
OUT
IN
IN
VV
II
(1
)
VV
(5)
The worst case condition occurs at VIN = 2VOUT,
where:
OUT
CIN
I
I
2
For simplification, choose an input capacitor
whose RMS current rating is greater than half of
the maximum load current.
The input capacitor can be electrolytic, tantalum,
or ceramic. When using electrolytic or tantalum
capacitors, use a small high-quality ceramic
capacitor (0.1μF) placed as close to the IC as
possible. The input capacitance value determines
the input voltage ripple of the converter. If there
is an input voltage ripple requirement in the
system design, choose an input capacitor that
meets the specification.
The input voltage ripple caused by capacitance
can be estimated with equation (6):

 
OUT
OUT
OUT
IN
SW
IN
IN
IN
IV
V
V(1
)
fC
V
V
(6)
The worst-case condition occurs at VIN = 2VOUT,
where:
 
OUT
IN
SW
IN
I
1
V
4f
C
Selecting the Output Capacitor
The output capacitor maintains the output DC
voltage. Ceramic capacitors with low ESR are
recommended for keeping the output voltage
ripple low and their smaller size. Electrolytic and
polymer capacitors may also be used. The output
voltage ripple can be estimated with equation (7):

 

OUT
OUT
OUT
ESR
SW
IN
SW
OUT
VV
1
V(1
) (R
)
fL
V
8f
C
(7)
RESR is the equivalent series resistance of the
output capacitor.
For ceramic capacitors, the impedance at the
switching
frequency is
dominated by the
capacitance. The output voltage ripple is mainly
caused by the capacitance. For simplification, the
output voltage ripple can be estimated with
equation (8):

 
 
OUT
OUT
OUT
2
SW
OUT
IN
VV
V(1
)
8f
L C
V
(8)
For tantalum or electrolytic capacitors, the ESR
dominates the impedance at the switching
frequency. For simplification, the output ripple
can be approximated with equation (9):

 
OUT
OUT
OUT
ESR
SW
IN
VV
V(1
) R
fL
V
(9)
Another consideration of the output capacitance
is the allowable overshoot in VOUT if the load is
suddenly removed. In this case, energy stored in
the inductor will be transferred to COUT causing its
voltage to rise. In order to achieve a desired
overshoot relative to the regulated voltage, the
output capacitance can be estimated with
equation (10):
2
OUT
OUT
22
OUT
OUTMAX
OUT
IL
C
V((V
/ V
)
1)
(10)
Where VOUTMAX/VOUT is the allowable maximum
overshoot. After calculating the capacitance
required for both the ripple and overshoot,
choose the larger of the calculated values.
The characteristics of the output capacitor also
affect the stability of the regulation system. The
MPQ2167 can be optimized for a wide range of
capacitance and ESR values.
Layout Recommendation
Efficient PCB layout is critical for stable operation.
Refer to Figure 4 and follow the guidelines below
for optimal design layout:
1. Place high-current paths (GND, IN, and SW)
very close to the device with short, direct, and
wide traces.
2. Place input capacitors as close to IN as
possible to minimize high frequency noise.
3. Place the feedback resistor divider as close
as possible to FB. And keep the FB trace
away from switching node.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com