Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPQ2167GD-Z Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MPQ2167GD-Z
Description  6V, 4A, Frequency Programmable Buck Converter AEC-Q100 Qualified
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ2167GD-Z Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MPQ2167GD-Z Datasheet HTML 4Page - Monolithic Power Systems MPQ2167GD-Z Datasheet HTML 5Page - Monolithic Power Systems MPQ2167GD-Z Datasheet HTML 6Page - Monolithic Power Systems MPQ2167GD-Z Datasheet HTML 7Page - Monolithic Power Systems MPQ2167GD-Z Datasheet HTML 8Page - Monolithic Power Systems MPQ2167GD-Z Datasheet HTML 9Page - Monolithic Power Systems MPQ2167GD-Z Datasheet HTML 10Page - Monolithic Power Systems MPQ2167GD-Z Datasheet HTML 11Page - Monolithic Power Systems MPQ2167GD-Z Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
MPQ2167 – 6V, 4A, FREQUENCY PROGRAMMABLE, BUCK CONVERTER, AEC-Q100 QUALIFIED
MPQ2167 Rev. 1.0
www.MonolithicPower.com
8
3/21/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
TYPICAL CHARACTERISTICS (continued)
VIN = 3.6V, TJ = +25°C, unless otherwise noted.
PG Upper Rising/Falling Threshold
vs. Temperature
PG Lower Rising/Falling Threshold
vs. Temperature
109
110
111
112
113
114
115
116
-50
-25
0
25
50
75
100
125
TEMPERATURE (ºC)
PG Upper Rising Threshold
PG Upper Falling Threshold
79
80
81
82
83
84
85
86
-50
-25
0
255075
100
125
TEMPERATURE (ºC)
PG Lower Rising Threshold
PG Lower Falling Threshold
VIN UVLO Threshold vs.
Temperature
ISS vs. Temperature
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
-50
-25
0
255075
100
125
TEMPERATURE (ºC)
VIN UVLO Rising Threshold
VIN UVLO Falling Threshold
3.80
3.85
3.90
3.95
4.00
4.05
4.10
4.15
4.20
-50
-25
0
25
50
75
100
125
TEMPERATURE (ºC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com