Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TN2540-12G Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # TN2540-12G
Description  isc Thyristors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

TN2540-12G Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  TN2540-12G Datasheet HTML 1Page - Inchange Semiconductor Company Limited TN2540-12G Datasheet HTML 2Page - Inchange Semiconductor Company Limited TN2540-12G Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
isc Thyristors
TN2540-12G
www.iscsemi.com
1
FEATURES
· Max. Blocking Voltage= VDRM, VRRM= 1200 V
· IGT Maximum = 40 mA
· Available in SMD D2PAK with Anode in Backside
APPLICATIONS
· Wind Renewable Energy Inverters
· Battery Charge
· Uninterruptible Power Supply (UPS)
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
MIN
UNIT
VDRM
Repetitive Peak Off-state Voltage
1200
V
VRRM
Repetitive Peak Off-state Voltage
1200
V
IT(RMS)
Non Repetitive Surge Peak On-state Current (180° Conduction Angle, Tc= 102℃)
25
A
IT(AV)
Average on-state current (180° Conduction Angle, Tc= 102℃)
16
A
ITSM
Non-repetitive Peak On-state Current, 1 full cycle
tp= 8.3ms
314
A
tp= 10ms
300
A
I2t
I2t Value for Fusing, tp= 10ms
450
A2S
PG(AV)
Average Gate Power Dissipation
1
W
di/dt
Repetitive Rate of Rise of On-state Current after Triggering (f= 60Hz)
50
A/us
IGM
Peak Gate Current, tp= 20us
4
A
TJ
Operating Junction Temperature
-40~+125
℃
Tstg
Storage Temperature
-40~+150
℃


Similar Part No. - TN2540-12G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TN2540-12G STMICROELECTRONICS-TN2540-12G Datasheet
216Kb / 10P
Standard SCR, D²PAK, 25 A, 1200 V
DS12791 - Rev 1 - October 2018
TN2540-12G-TR STMICROELECTRONICS-TN2540-12G-TR Datasheet
216Kb / 10P
Standard SCR, D²PAK, 25 A, 1200 V
DS12791 - Rev 1 - October 2018
More results

Similar Description - TN2540-12G

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
TIC126D ISC-TIC126D Datasheet
99Kb / 1P
isc Thyristors
2P4M-D ISC-2P4M-D Datasheet
265Kb / 2P
isc Thyristors
BTA208S-600D ISC-BTA208S-600D Datasheet
222Kb / 1P
isc Thyristors
2N6348 ISC-2N6348 Datasheet
202Kb / 2P
isc Thyristors
MCR310-10G ISC-MCR310-10G Datasheet
171Kb / 1P
isc Thyristors
T1610-800G-TR ISC-T1610-800G-TR Datasheet
172Kb / 1P
isc Thyristors
BCR8PM-12LG ISC-BCR8PM-12LG Datasheet
172Kb / 1P
isc Thyristors
BCR12PM-12LG ISC-BCR12PM-12LG Datasheet
171Kb / 1P
isc Thyristors
BT150SK-600R ISC-BT150SK-600R_V01 Datasheet
297Kb / 2P
isc Thyristors
16TTS12 ISC-16TTS12 Datasheet
222Kb / 2P
isc Thyristors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com