Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSF0108 Datasheet(PDF) 57 Page - Nexperia B.V. All rights reserved

Part # LSF0108
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

LSF0108 Datasheet(HTML) 57 Page - Nexperia B.V. All rights reserved

Back Button LSF0108 Datasheet HTML 53Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 54Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 55Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 56Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 57Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 58Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 59Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 60Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 61Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 234 page
background image
57
57
Automotive-qualified
Package
SOT457
(SC-74)
SOT23
SOD123
SOD123F
SOT323
(SC-70)
SOD323F
(SC-90)
SOD323
(SC-76)
SOD523
(SC-79)
Size (mm)
2.9 x 1.5 x 1.0
2.9 x 1.3 x 1.0
2.7 x 1.6 x 1.2
2.6 x 1.6 x 1.1
2.0 x 1.25 x 0.95 1.7 x 1.25 x 0.7 1.7 x 1.25 x 0.95
1.2 x 0.8 x 0.6
P
tot (mW) @ 1 cm²
540
420
660
830
400
830
570
500
Optimization
0.2
30
480
0.05
Low V
F
PMEG3002EJ
PMEG3002AEB
40
600
0.01
Low I
R
PMEG4002EJ
PMEG4002EB
60
600
0.1
Low V
F
PMEG6002EJ
PMEG6002EB
0.5
20
390
0.2
Low V
F
PMEG2005ET
PMEG2005EGW
PMEG2005EH
PMEG2005EJ
PMEG2005AEA
480
0.03
Low I
R
PMEG2005EB
30
430
0.15
Low V
F
PMEG3005ET
PMEG3005EGW
PMEG3005EH
PMEG3005EJ
PMEG3005AEA
500
0.5
Low V
F
PMEG3005EB
40
470
0.1
Low V
F
PMEG4005ET
PMEG4005EGW
PMEG4005EH
PMEG4005EJ
PMEG4005AEA
550
1.1
Low V
F
BAT720
1PS70SB20
640
0.008
Low I
R
PMEG4005CEJ PMEG4005CEA
0.75
40
740
0.008
Low I
R
BAT165A
Power Schottky rectifiers - clip-bond packages
Schottky diodes and rectifiers
Automotive-qualified
Package
CFP15
(SOT1289)
CFP15B
(SOT1289B)
CFP5
(SOD128)
CFP3
(SOD123W)
Size (mm)
5.8 x 4.3 x 0.78
5.8 x 4.3 x 0.95
3.8 x 2.5 x 1.0
2.6 x 1.7 x 1.0
P
tot (mW) @ 1 cm²
2150
2150
1050
950
Optimization
10
45
490
0.6
Low V
F
PMEG045V100EPD
540
0.5
Low V
F
PMEG45A10EPD
545
0.08
Low V
F/Low IR
PMEG045T100EPD1)
60
560
0.7
Low V
F
PMEG060V100EPD
100
850
0.0008
Low I
R
PMEG100V100ELPD
15
45
490
1
Low V
F
PMEG045V150EPD
550
0.1
Low V
F/Low IR
PMEG045T150EPD1)
580
Low V
F/Low IR
PMEG45T15EPD1)
570
0.098
Low V
F/Low IR
PMEG045T150EIPD1)
50
500
1
Low V
F
PMEG050V150EPD
550
0.1
Low I
R
PMEG050T150EPD1)
570
0.2
Low V
F/Low IR
PMEG050T150EIPD1)
1)
Trench process
Types in
bold represent new products
Schottky rectifiers - leaded packages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com