Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSF0108 Datasheet(PDF) 94 Page - Nexperia B.V. All rights reserved

Part # LSF0108
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

LSF0108 Datasheet(HTML) 94 Page - Nexperia B.V. All rights reserved

Back Button LSF0108 Datasheet HTML 90Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 91Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 92Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 93Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 94Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 95Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 96Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 97Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 98Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 234 page
background image
Package
Type number
V
DS [max] (V)
R
DS(on) [max] @
V
GS = 10 V (mΩ)
R
DS(on) [max] @
V
GS = 4.5 V or 5 V (mΩ)
I
D [max] (A)
Q
G(tot) [typ] (nC)
TO-220
(SOT78)
PSMN3R3-80PS
80
3.3
120
139
PSMN3R5-80PS
80
3.5
120
139
PSMN4R4-80PS
80
4.1
100
112
PSMN4R3-80PS
80
4.3
120
111
PSMN5R0-80PS
80
4.7
100
87
PSMN6R5-80PS
80
6.9
100
71
PSMN8R7-80PS
80
8.7
90
52
PSMN012-80PS
80
11
74
36
PSMN017-80PS
80
17
50
26
PSMN4R3-100PS
100
4.3
120
170
PSMN4R8-100PSE
100
4.8
120
196
PSMN5R0-100PS
100
5
120
170
PSMN5R6-100PS
100
5.6
100
141
PSMN7R0-100PS
100
6.8
100
125
PSMN7R8-100PSE
100
7.8
100
128
PSMN8R5-100PS
100
8.5
100
111
PSMN9R5-100PS
100
9.6
98
45
PSMN013-100PS
100
13
68
59
PSMN016-100PS
100
16
57
49
PSMN027-100PS
100
27
53
21
PSMN034-100PS
100
35
32
23.8
PSMN015-110P
110
15
75
90
PHP27NQ11T
110
50
27.6
30
PHP23NQ11T
110
70
23
22
PHP18NQ11T
110
90
18
21
PSMN6R3-120PS
120
6.7
70
207.1
PSMN7R8-120PS
120
7.9
70
167
PSMN030-150P
150
30
55.5
98
PHP28NQ15T
150
65
28.5
24
PSMN057-200P
200
57
39
96
PHP33NQ20T
200
77
32.7
32.2
PHP20NQ20T
200
130
20
65
N-channel 75V-200V Power MOSFETs
Power MOSFETs
Nexperia selection guide 2020
94



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com