Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSF0108 Datasheet(PDF) 101 Page - Nexperia B.V. All rights reserved

Part # LSF0108
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

LSF0108 Datasheet(HTML) 101 Page - Nexperia B.V. All rights reserved

Back Button LSF0108 Datasheet HTML 97Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 98Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 99Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 100Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 101Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 102Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 103Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 104Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 105Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 234 page
background image
Small-signal MOSFETs
Small-signal MOSFETs in WLCSP4 and WLCSP6 packages
Package
WLCSP4
WLCSP6
WLCSP9
Size (mm)
0.78 x 0.78 x 0.35
1.48 x 0.98 x 0.35
1.48 x 1.48 x 0.35
P
tot (mW)
1300
1300
1400
Configuration Polarity
V
DS
(V)
V
GS
(V)
I
D
(A)
V
GS(th)
min
(V)
V
GS(th)
max
(V)
t
on
typ
(ns)
t
off
typ
(ns)
Q
G
typ
(nC)
ESD
protec-
tion
(kV)
R
DS(on) typ (mΩ) @ VGS =
4�5
V
2�5
V
1�8
V
1�5
V
WLCSP9
N
12
8
6
0.4
0.9
6.3
30
6
2
36
46
60
86
PMCM4401VNE
20
8
5.4
0.4
0.9
4
27
6
2
43
55
65
75
PMCM4401UNE
P
12
8
4.9
0.4
0.9
4.8
25.1
6.8
2
55
77
110
-
PMCM4401VPE
20
8
4
0.4
0.9
4
31
5.9
2
75
95
130
-
PMCM4401UPE
4.2
0.4
0.9
4
26
6
2
65
88
120
-
PMCM4402UPE
N
12
8
9.6
0.4
0.9
10.8
97.5
16.1
2
15
18
22
30
PMCM6501VNE
20
8
8.7
0.4
0.9
7
100
19
2
17
20
22
30
PMCM6501UNE
P
12
8
8.2
0.4
0.9
8
72
19.6
2
19
25
37
-
PMCM6501VPE
Single
N
60
20
6.1
0.9
1.5
2
70
30
2
28
31
-
-
PMCM950ENE
Types in
bold represent new products
101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com