Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSF0108 Datasheet(PDF) 137 Page - Nexperia B.V. All rights reserved

Part # LSF0108
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

LSF0108 Datasheet(HTML) 137 Page - Nexperia B.V. All rights reserved

Back Button LSF0108 Datasheet HTML 133Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 134Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 135Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 136Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 137Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 138Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 139Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 140Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 141Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 234 page
background image
Type number
Description
V
CC
(V)
Logic
switching
levels
Output drive
capability
(mA)
Output
Load
CL (pF)
t
pd (ns)
f
max
(MHz)
T
amb (°C)
74AUP2G07
Dual buffer; open drain
1.1 - 3.6
CMOS
1.9
30
4.4
70
-40 to 125
74AUP2G125
Dual buffer/line driver (3-state)
1.1 - 3.6
CMOS
+-1.9
30
4.3
70
-40 to 125
74AUP2G126
Dual buffer/line driver (3-state)
1.1 - 3.6
CMOS
+-1.9
30
4.3
70
-40 to 125
74AUP2G14
Dual inverter; Schmitt-trigger
1.1 - 3.6
CMOS
+-1.9
30
4.7
70
-40 to 125
74AUP2G16
Dual buffer
1.1 - 3.6
CMOS
+-1.9
30
4.7
70
-40 to 125
74AUP2G17
Dual buffer; Schmitt-trigger
1.1 - 3.6
CMOS
+-1.9
30
7.8
70
-40 to 125
74AUP2G240
Dual inverter/line driver (3-state)
1.1 - 3.6
CMOS
+-1.9
30
4.2
70
-40 to 125
74AUP2G241
Dual buffer/line driver (3-state)
1.1 - 3.6
CMOS
+- 1.9
30
4.3
70
-40 to 125
74AUP2G34
Dual buffer
1.1 - 3.6
CMOS
+-1.9
30
3.9
70
-40 to 125
74AUP2GU04
Dual inverter; unbuffered
1.1 - 3.6
CMOS
+-1.9
30
2.3
70
-40 to 125
74AUP3G04
Triple inverter
1.1 - 3.6
CMOS
+-1.9
30
4.0
70
-40 to 125
74AUP3G14
Triple inverter; Schmitt-trigger
1.1 - 3.6
CMOS
+-1.9
30
4.7
70
-40 to 125
74AUP3G16
Triple buffer
1.1 - 3.6
CMOS
+-1.9
30
4.0
70
-40 to 125
74AUP3G17
Triple buffer; Schmitt-trigger
1.1 - 3.6
CMOS
+-1.9
30
4.7
70
-40 to 125
74AVC16244
16-bit buffer/line driver (3-state)
0.8 - 3.6
CMOS/LVTTL
-12
30
2.0
200
-40 to 85
74AVC1T1004
1-to-4 translating fan-out buffer
0.8 - 3.6
CMOS/LVTTL
±12
15
4.9
200
-40 to 125
74AVC4T3144
4-bit dual-supply buffer/level-translator (3-state)
0.8 - 3.6
CMOS/ LVTTL
±12
15
3.5
200
-40 to 125
74AVC9112
1-to-4 fan-out buffer
0.8 - 3.6
CMOS/LVTTL
±12
15
4.0
200
-40 to 125
74AVCH16244
16-bit buffer/line driver with bus hold (3-state)
0.8 - 3.6
CMOS/LVTTL
+-12
30
2.0
200
-40 to 85
74AXP1G04
Single inverter
0.7 - 2.75
CMOS
+-4.5
5
2.6
70
-40 to 85
74AXP1G06
Single inverter; open drain
0.7 - 2.75
CMOS
4.5
5
3.5
70
-40 to 85
74AXP1G07
Single buffer; open-drain
0.7 - 2.75
CMOS
4.5
5
3.5
70
-40 to 85
74AXP1G125
Single buffer/line driver (3-state)
0.7 - 2.75
CMOS
+-4.5
5
2.7
70
-40 to 85
74AXP1G14
Single inverter; Schmitt-trigger
0.7 to 2.75
CMOS
+-4.5
5
2.9
70
-40 to 85
74AXP1G17
Single buffer; Schmitt-trigger
0.7 to 2.75
CMOS
+-4.5
5
2.8
70
-40 to 85
74AXP2G17
Dual buffer; Schmitt-trigger
0.7 to 2.75
CMOS
+-4.5
5
2.8
70
-40 to 85
74AXP2G34
Dual buffer
0.7 to 2.75
CMOS
+-4.5
5
2.5
70
-40 to 85
74AXP2G3404
Single buffer and Single inverter
0.7 to 2.75
CMOS
+-4.5
5
2.5
70
-40 to 85
74HC04
Hex inverter
2.0 - 6.0
CMOS
+-5.2
50
7.0
36
-40 to 125
74HC05
Hex inverter; open drain
2.0 - 6.0
CMOS
5.2
50
11
36
-40 to 125
74HC125
Quad buffer/line driver (3-state)
2.0 - 6.0
CMOS
+-7.8
50
9.0
36
-40 to 125
74HC126
Quad buffer/line driver (3-state)
2.0 - 6.0
CMOS
+-7.8
50
9.0
36
-40 to 125
74HC14
Hex inverter; Schmitt-trigger
2.0 - 6.0
CMOS
+-5.2
50
12
36
-40 to 125
74HC1G04
Single inverter
2.0 - 6.0
CMOS
+-2.6
50
7.0
36
-40 to 125
74HC1G125
Single buffer/line driver (3-state)
2.0 - 6.0
CMOS
+-2.6
50
9.0
36
-40 to 125
74HC1G126
Single buffer/line driver (3-state)
2.0 - 6.0
CMOS
+-2.6
50
9.0
36
-40 to 125
74HC1G14
Single inverter; Schmitt-trigger
2.0 - 6.0
CMOS
+-2.6
50
10
36
-40 to 125
74HC1GU04
Single inverter; unbuffered
2.0 - 6.0
CMOS
+- 2.6
50
5.0
36
-40 to 125
74HC240
Octal inverter/line driver (3-state)
2.0 - 6.0
CMOS
+-7.8
50
9.0
36
-40 to 125
74HC241
Octal buffer/line driver (3-state)
2.0 - 6.0
CMOS
+-7.8
50
7.0
36
-40 to 125
74HC244
Octal buffer/line driver (3-state)
2.0 - 6.0
CMOS
+-7.8
50
9.0
36
-40 to 125
74HC2G04
Dual inverter
2.0 - 6.0
CMOS
±5.2
50
8.0
36
-40 to 125
74HC2G125
Dual buffer/line driver (3-state)
2.0 - 6.0
CMOS
±5.2
50
10
36
-40 to 125
Buffers/Inverters/Drivers
Asynchronous interface analog & logic ICs
137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com