Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSF0108 Datasheet(PDF) 170 Page - Nexperia B.V. All rights reserved

Part # LSF0108
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

LSF0108 Datasheet(HTML) 170 Page - Nexperia B.V. All rights reserved

Back Button LSF0108 Datasheet HTML 166Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 167Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 168Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 169Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 170Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 171Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 172Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 173Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 174Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 234 page
background image
Nexperia selection guide 2020
170
Package details and packing methods
Package details and packing methods
Package details and packing methods SMD
Package details
Packing methods
Packing quantity and ordering code (12NC ending)
2
DSN0402-2
(SOD992)
0.4 x 0.2
x 0.1
0.4 x 0.2
0.08
0.25
2 mm pitch.
8 mm tape
and reel
180 × 8
-315
DSN0402B
(SOD992B)
0.4 x 0.2
x 0.1
0.5 x 0.3
0.193
0.28
2 mm pitch.
8 mm tape
and reel
180 × 8
-315
DSN0603B-2
(SOD962B)
0.6 x 0.3
x 0.2
0.6 x 0.3
0.18
0.4
2 mm pitch.
8 mm tape
and reel
180 × 8
-315
DSN0603-2
(SOD962-2)
0.6 x 0.3
x 0.3
0.6 x 0.3
0.18
0.4
2 mm pitch.
8 mm tape
and reel
180 × 8
-315
-317
DSN0603-2
(SOD962)
0.6 x 0.3
x 0.3
0.6 x 0.3
0.18
0.4
2 mm pitch.
8 mm tape
and reel
180 × 8
-315
DFN0603-2
(SOD972E)
0.63 x
0.33 x
0.25
0.63 x
0.33
0.2
0.4
2 mm pitch.
8 mm tape
and reel
180 × 8
DSN1006-2
(SOD993)
1 x 0.6 x
0.27
1 x 0.6
0.6
0.65
2 mm pitch.
8 mm tape
and reel
180 × 8
-315
DSN1006-2
(SOD993B)
1 x 0.6 x
0.27
1.2 x 0.8
0.96
0.65
2 mm pitch.
8 mm tape
and reel
180 × 8
-315
DSN1006U-2
(SOD995)
1 x 0.6 x
0.27
1 x 0.6
0.6
0.325
2 mm pitch.
8 mm tape
and reel
180 × 8
-315
DFN1006D-2
(SOD882D)
1 x 0.6 x
0.4
1 x 0.6
0.6
0.65
2 mm pitch.
8 mm tape
and reel
180 × 8
-315
DFN1006-2
(SOD882)
1.0 x 0.6
x 0.5
1 x 0.6
0.6
0.65
2 mm pitch.
8 mm tape
and reel
180 × 8
-315
SOD523
(SC-79)
1.2 x 0.8
x 0.6
1.6 x 0.8
1.28
1.4
2 mm pitch.
8 mm tape
and reel
180 × 8
- 115
- 699
-315
-135
-335
DSN1608-2
(SOD964)
1.6 x 0.8 x
0.29
1.6 x 0.8
1.28
0.6
2 mm pitch.
8 mm tape
and reel
180 × 8
-315
DFN1608D-2
(SOD1608)
1.6 x 0.8 x
0.37
1.6 x 0.8
1.28
0.94
2 mm pitch.
8 mm tape
and reel
180 × 8
-315
SC-90
(SOD323F)
1.7 x 1.25
x 0.7
2.65 x
2.35
6.23
2.2
4 mm pitch.
8 mm tape
and reel
180 × 8
-115
-145
286 x 8
-135
-301
SOD323
1.7 x 1.25
x 0.95
2.65 x
2.35
6.23
1.3
4 mm pitch.
8 mm tape
and reel
180 × 8
-115
-145
286 x 8
-135
SOD123F
2.6 x 1.6
x 1.1
3.5 x 2.1
7.35
2.8
4 mm pitch.
8 mm tape
and reel
180 × 8
-115
CFP3
(SOD123W)
2.6 x 1.7
x 1
3.5 x 2.1
7.35
2.8
4 mm pitch.
8 mm tape
and reel
180 × 8
-115
SOD123
2.675 x
1.6 x 1.15
3.6 x 2.1
7.56
3.27
4 mm pitch.
8 mm tape
and reel
180 × 8
-115
330 x 8
-118
LLDS; MiniMelf
(SOD80C)
3.5 x 1.5
3.7 x 1.6
5.92
4 mm pitch.
8 mm tape
and reel
180 × 8
-115
-135
CFP5
(SOD128)
3.8 x 2.5
x 1
4.7 x 2.5
11.75
4
4 mm pitch.
12 mm tape
and reel
180 × 12
-115
3
DFN0603-3
(SOT8013)
0.63 x
0.33 x
0.25
0.63 x
0.33
0.408
0
2 mm pitch.
8 mm tape
and reel
180 x 8
-317
DFN0606
(SOT8001)
0.62 x
0.62 x
0.37
0.62 x
0.62
0.35
0.35
2 mm pitch.
8 mm tape
and reel
180 x 8
-125
DFN1006B-3
(SOT883B)
1.0 x 0.6 x
0.37
1 x 0.6
0.6
0.35
2 mm pitch.
8 mm tape
and reel
180 × 8
-315
DFN1006-3
(SOT883)
1.0 x 0.6 x
0.48
1 x 0.6
0.6
0.35
2 mm pitch.
8 mm tape
and reel
180 × 8
-315
Nexperia
AN90008
Recommendations for Printed Circuit Board assembly of DSN0402B-2 (SOD992B)
Remark: Bi-directional type without polarity indicator (notch)
Fig. 1. DSN0402B-2 (SOD992B) visual appearance
Fig. 2. Package dimensions DSN0402B-2: Leadless ultra-small package; 2 terminals
(SOD992B)
AN90008
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2019. All rights reserved
application note
Rev. 1.0 — 11 July 2019
3 / 17
SOT8013
DFN0603-3; plastic, ultra small and leadless full encapsulated
package; 3 terminals; 0.225 mm pitch; 0.63 mm x 0.33 mm x
0.25 mm body
25 November 2019
Package information
1. Package summary
Terminal position code
B (bottom)
Package type descriptive code
DFN0603-3
Package type industry code
DFN0603-3
Package style descriptive code
HUSON (thermal enhanced ultra thin small
outline; no leads)
Package body material type
P (plastic)
Mounting method type
S (surface mount)
Number of package outline detail graphic
references
0
Issue date
29-8-2019
Manufacturer package code
SOT8013
Footprint dimensions (mm)
0.95 x 0.68
Footprint area (mm²)
0.65
Table 1. Package summary
Symbol
Parameter
Min
Typ
Nom
Max
Unit
D
package length
0.305
-
-
0.35
mm
E
package width
0.605
-
-
0.65
mm
A
seated height
0.225
-
-
0.275
mm
e
nominal pitch
-
-
0.225
-
mm
n2
actual quantity of termination
-
-
3
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com