Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC39RFS10 Datasheet(PDF) 40 Page - Texas Instruments

Part # DAC39RFS10
Description  DDS39RF12 and DDS39RFS12, 12GSPS to 24GSPS, Dual and Single Channel, Multi- Nyquist Direct Digital Synthesizer (DDS)
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC39RFS10 Datasheet(HTML) 40 Page - Texas Instruments

Back Button DAC39RFS10 Datasheet HTML 36Page - Texas Instruments DAC39RFS10 Datasheet HTML 37Page - Texas Instruments DAC39RFS10 Datasheet HTML 38Page - Texas Instruments DAC39RFS10 Datasheet HTML 39Page - Texas Instruments DAC39RFS10 Datasheet HTML 40Page - Texas Instruments DAC39RFS10 Datasheet HTML 41Page - Texas Instruments DAC39RFS10 Datasheet HTML 42Page - Texas Instruments DAC39RFS10 Datasheet HTML 43Page - Texas Instruments DAC39RFS10 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 177 page
background image
6.13 Typical Characteristics: Power Dissipation and Supply Currents (continued)
Typical values at TA = +25°C and nominal supply voltages, IFS_SWITCH = 20.5mA, 2 DACs = DDS39RF12, 1 DAC =
DDS39RFS12, except where noted.
Clock Frequency (GHz)
3
4
5
6
7
8
9
10
11
12
0
50
100
150
200
250
1 DAC, 1x Current
1 DAC, 2x Current
2 DACs, 1x Current
2 DACs, 2x Current
Independent of JMODE and Interpolation
Figure 6-50. VEEM18 Current vs Clock Frequency and Output
Current
Clock Frequency (GHz)
0
1
2
3
4
5
6
7
8
9
10
11
12
0
50
100
150
200
250
300
350
400
1 DAC
2 DACs
Independent of JMODE and Interpolation
Figure 6-51. VDDLx Current vs Clock Frequency
Clock Frequency (GHz)
0
1
2
3
4
5
6
7
8
9
10
11
12
0
100
200
300
400
500
600
1 DAC
2 DACs
Independent of JMODE and Interpolation
Figure 6-52. VDDCLK Current vs Clock Frequency
Clock Frequency (GHz)
0
1
2
3
4
5
6
7
8
9
10
11
12
0
100
200
300
400
500
600
700
800
1 DAC
2 DACs
Independent of JMODE and Interpolation
Figure 6-53. VDDE Current vs Clock Frequency
Clock Frequency (GHz)
2
3
4
5
6
7
8
9
10
11
12
0
10
20
30
40
50
DDS
JMODE6, 64x Int
JMODE7, 128x Int
Dependent on # of Serdes and baud rate
Figure 6-54. VDDR18 Current vs Clock Frequency and Interface
Mode
Clock Frequency (GHz)
2
3
4
5
6
7
8
9
10
11
12
0
50
100
150
200
250
DDS
JMODE6, 64x Int
JMODE7, 128x Int
JMODE7, 128x Int
JMODE7, 128x Int
Dependent on # of Serdes and baud rate
Figure 6-55. VDDT Current vs Clock Frequency and Interface
Mode
DDS39RF12, DDS39RFS12
SBASB21 – SEPTEMBER 2024
www.ti.com
40
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: DDS39RF12 DDS39RFS12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com