Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC39RFS10 Datasheet(PDF) 89 Page - Texas Instruments

Part # DAC39RFS10
Description  DDS39RF12 and DDS39RFS12, 12GSPS to 24GSPS, Dual and Single Channel, Multi- Nyquist Direct Digital Synthesizer (DDS)
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC39RFS10 Datasheet(HTML) 89 Page - Texas Instruments

Back Button DAC39RFS10 Datasheet HTML 85Page - Texas Instruments DAC39RFS10 Datasheet HTML 86Page - Texas Instruments DAC39RFS10 Datasheet HTML 87Page - Texas Instruments DAC39RFS10 Datasheet HTML 88Page - Texas Instruments DAC39RFS10 Datasheet HTML 89Page - Texas Instruments DAC39RFS10 Datasheet HTML 90Page - Texas Instruments DAC39RFS10 Datasheet HTML 91Page - Texas Instruments DAC39RFS10 Datasheet HTML 92Page - Texas Instruments DAC39RFS10 Datasheet HTML 93Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 177 page
background image
Table 7-41. SYSREF_ALIGN Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
0
SYSREF_ALIGN_EN
R/W
0b
When this bit is set, the chip realigns to each detected SYSREF
edge. This affects both the external clock divider and the JESD
subsystem.
SYSREF_TERM Register (Offset = 00A1h) [reset = 00h]
SYSREF_TERM is shown in Figure 7-70 and described in Table 7-42.
Return to the Register Summary Table.
SYSREF Termination Configruation
Figure 7-70. SYSREF_TERM Register
7
6
5
4
3
2
1
0
RESERVED
SYSREF_RECV_LVPECL
R/W-00h
R/W-0b
Table 7-42. SYSREF_TERM Register Field Descriptions
Bit
Field
Type
Reset
Description
7-1
RESERVED
R/W
00h
Reserved
0
SYSREF_RECV_LVPECL R/W
0b
0: SYSREF termination is 100 Ohm differential with Vcm of 0.4V
1: SYSREF termination is singled ended 50 Ohm to GND (LVPECL
mode)
7.5.3.10 JESD_EN Register (Offset = 0100h) [reset = 00h]
JESD_EN is shown in Figure 7-71 and described in Table 7-43.
Return to the Register Summary Table.
JESD204C Subsystem Enable
Figure 7-71. JESD_EN Register
7
6
5
4
3
2
1
0
RESERVED
JESD_EN
R/W-00h
R/W-0b
Table 7-43. JESD_EN Register Field Descriptions
Bit
Field
Type
Reset
Description
7-1
RESERVED
R/W
00h
0
JESD_EN
R/W
0b
0 : Disable JESD204C interface
1 : Enable JESD204C interface
When JESD_EN=0, the JESD204C subsystem is held in reset and
the SERDES PHY is disabled. The LMFC/LEMC counter is also held
in reset, so SYSREF will not align the LMFC/LEMC.
Note: This register should only be changed when DP_EN=0.
7.5.3.11 JMODE Register (Offset = 0101h) [reset = 00h]
JMODE is shown in Figure 7-72 and described in Table 7-44.
Return to the Register Summary Table.
www.ti.com
DDS39RF12, DDS39RFS12
SBASB21 – SEPTEMBER 2024
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
89
Product Folder Links: DDS39RF12 DDS39RFS12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com